Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51362 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS51362
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51362 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51362_17 Datasheet HTML 1Page - Texas Instruments TPS51362_17 Datasheet HTML 2Page - Texas Instruments TPS51362_17 Datasheet HTML 3Page - Texas Instruments TPS51362_17 Datasheet HTML 4Page - Texas Instruments TPS51362_17 Datasheet HTML 5Page - Texas Instruments TPS51362_17 Datasheet HTML 6Page - Texas Instruments TPS51362_17 Datasheet HTML 7Page - Texas Instruments TPS51362_17 Datasheet HTML 8Page - Texas Instruments TPS51362_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
MINIMUM
ORDERABLE DEVICE
TA
PACKAGE
PINS
TRANSPORT MEDIA
ORDER
NUMBER
QUANTITY
TPS51362RVET
Small tape-and-reel
250
Plastic Quad Flat Pack
–10°C to 85°C
28
(QFN)
TPS51362RVER
Large tape-and-reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
30
36
BST
transient <10 ns
38
w/r/t SW
6
Input voltage range(2)
SW
30
V
EN, TRIP, NU, MODE, V5, LP#
-0.3
6
SLEW, VSNS, REFIN, REFIN2
–0.3
3.6
GSNS
–0.35
0.35
PGND
-0.3
0.3
PGOOD
–0.3
6
Output voltage range(2)
VREF
–0.3
3.6
V
NC
–5
36
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
Junction temperature range, TJ
–10
150
°C
Storage temperature range, Tstg
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362


Similar Part No. - TPS51362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362RVER TI-TPS51362RVER Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362RVET TI-TPS51362RVET Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
More results

Similar Description - TPS51362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS51397A TI-TPS51397A Datasheet
2Mb / 36P
[Old version datasheet]   TPS51397A 4.5-V to 24-V, 10-A Synchronous Buck Converter with ULQ??Operation
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com