Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2412PWR
Description  N1 and ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412PWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2412PWR Datasheet HTML 1Page - Texas Instruments TPS2412PWR Datasheet HTML 2Page - Texas Instruments TPS2412PWR Datasheet HTML 3Page - Texas Instruments TPS2412PWR Datasheet HTML 4Page - Texas Instruments TPS2412PWR Datasheet HTML 5Page - Texas Instruments TPS2412PWR Datasheet HTML 6Page - Texas Instruments TPS2412PWR Datasheet HTML 7Page - Texas Instruments TPS2412PWR Datasheet HTML 8Page - Texas Instruments TPS2412PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
A
GND
RSVD
BYP
C
GATE
1
4
8
V
DD
RSET
5
TPS2412, TPS2413
www.ti.com
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
5 Device Comparison Table
TPS2410
TPS2411
TPS2412
TPS2413
Linear gate control
ON/OFF gate control
Adjustable turnoff threshold
Fast comparator filtering
Voltage monitoring
Enable control
Mosfet fault monitoring
Status pin
6 Pin Configuration and Functions
PW and D Packages
8-Pins TSSOP and SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Input power for the gate drive charge pump and internal controls. VDD must be connected to a supply voltage
VDD
1
PWR
≥ 3 V.
Connect a resistor to ground to program the turnoff threshold. Leaving RSET open results in a slightly positive
RSET
2
I
V(A-C) turnoff threshold.
RSVD
3
PWR
This pin must be connected to GND.
GND
4
PWR
Device ground.
GATE
5
O
Connect to the gate of the external MOSFET. Controls the MOSFET to emulate a low forward-voltage diode.
Voltage sense input that connects to the simulated diode cathode. Connect to the MOSFET drain in the
C
6
I
typical configuration.
Voltage sense input that connects to the simulated diode anode. A also serves as the reference for the
A
7
I
charge-pump bias supply on BYP. Connect to the MOSFET source in the typical configuration.
BYP
8
I/O
Connect a storage capacitor from BYP to A to filter the gate drive supply voltage.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2412 TPS2413


Similar Part No. - TPS2412PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412PWR TI-TPS2412PWR Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412PWR TI1-TPS2412PWR Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412PWR TI1-TPS2412PWR Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2412PWRG4 TI-TPS2412PWRG4 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412PWRG4 TI1-TPS2412PWRG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2412PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com