Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40060PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40060PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40060PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS40060PWPR Datasheet HTML 1Page - Texas Instruments TPS40060PWPR Datasheet HTML 2Page - Texas Instruments TPS40060PWPR Datasheet HTML 3Page - Texas Instruments TPS40060PWPR Datasheet HTML 4Page - Texas Instruments TPS40060PWPR Datasheet HTML 5Page - Texas Instruments TPS40060PWPR Datasheet HTML 6Page - Texas Instruments TPS40060PWPR Datasheet HTML 7Page - Texas Instruments TPS40060PWPR Datasheet HTML 8Page - Texas Instruments TPS40060PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TPS40060
TPS40061
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VIN = 24 Vdc, RT = 165 kΩ, IKFF = 113 µA, fSW = 300 kHz, all parameters at zero power dissipation (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
TA = 25°C
8.8
10.0
11.4
ISINK
Current limit sink current
0°C
≤ TA ≤ 85°C
8.3
11.9
µA
-40°C
≤ TA ≤ 0°C
7.5
11.5
VILIM = 23.7 V, VSW = (VILIM – 0.5 V)
330
500
tDELAY Propagation delay to output
VILIM = 23.7 V, VSW = (VILIM – 2 V)
275
375
ns
tON
Switch leading-edge blanking pulse time(3)
100
tOFF
Off time during a fault
7
cycles
VOS
Overcurrent comparator offset voltage
-200
-60
50
mV
OUTPUT DRIVER
tHFALL
High-side driver fall time(3)
CHDRV = 2200 pF, (VIN – VBPN10)
48
96
tHRISE
High-side driver rise time(3)
CHDRV = 2200 pF, (VIN – VBPN10)
36
72
ns
tLFALL
Low-side driver fall time(3)
CLDRV = 2200 pF, BP10
24
48
tLRISE
Low-side driver rise time(3)
CLDRV = 2200 pF, BP10
48
96
VOH
High-level ouput voltage, HDRV
IHDRV = 0.1 A , (VIN – VHDRV)
1.0
1.4
VOL
Low-level ouput voltage, HDRV
IHDRV = 0.1 A , (VHDRV – VBPN10)
0.75
V
VOH
High-level ouput voltage, LDRV
ILDRV = 0.1 A, (VBP10 – VLDRV)
1.0
1.5
VOL
Low-level ouput voltage, LDRV
ILDRV = 0.1 A
0.5
Minimum controllable pulse width
100
150
ns
BPN10 REGULATOR
VBPN1
Output voltage
Outputs off
–7.5
–8.5
–9.5
V
0
RECTIFIER ZERO CURRENT COMPARATOR (TPS40060 ONLY)
VSW
Switch voltage
LDRV output OFF
–6
0
6
mV
SW NODE
ILEAK
Leakage current(3)
1
µA
THERMAL SHUTDOWN
Shutdown temperature(3)
165
TSD
°C
Hysteresis(3)
25
UNDERVOLTAGE LOCKOUT
VUVLO Undervoltage lockout threshold voltage, BP10
RKFF = 10 kΩ
6.25
6.5
7.5
Undervoltage lockout hysteresis
0.4
V
VKFF
KFF programmable threshold voltage
RKFF = 82.5 kΩ
9
10
11
(3)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: TPS40060 TPS40061


Similar Part No. - TPS40060PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40060PWPR TI-TPS40060PWPR Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWPR TI1-TPS40060PWPR Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWPRG4 TI1-TPS40060PWPRG4 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40060PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com