Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40192DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40192DRCT
Description  4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40192DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS40192DRCT Datasheet HTML 1Page - Texas Instruments TPS40192DRCT Datasheet HTML 2Page - Texas Instruments TPS40192DRCT Datasheet HTML 3Page - Texas Instruments TPS40192DRCT Datasheet HTML 4Page - Texas Instruments TPS40192DRCT Datasheet HTML 5Page - Texas Instruments TPS40192DRCT Datasheet HTML 6Page - Texas Instruments TPS40192DRCT Datasheet HTML 7Page - Texas Instruments TPS40192DRCT Datasheet HTML 8Page - Texas Instruments TPS40192DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ENABLE 1
2
3
4
5
FB
COMP
VDD
PGD
10
9
8
7
6
HDRV
SW
BOOT
LDRV
BP5
Thermal
Pad
3
TPS40192, TPS40193
www.ti.com
SLUS719F – MARCH 2007 – REVISED NOVEMBER 2016
Product Folder Links: TPS40192 TPS40193
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BOOT
8
I
Gate drive voltage for the high-side N-channel MOSFET. A capacitor 100 nF typical must be connected
between this pin and SW.
BP5
6
O
Output bypass for the internal regulator. Connect a capacitor with a value of at least 1-μF from this pin to GND.
Larger capacitors (up to 4.7-μF) can improve noise performance when using a low-side MOSFET with a gate
charge of 25 nC or greater. Low power, low noise loads may be connected here if desired. The sum of the
external load and the gate drive requirements must not exceed 50 mA. This regulator is turned off when
ENABLE is pulled low.
COMP
3
O
Output of the error amplifier.
ENABLE
1
I
Logic level input which starts or stops the controller from an external user command. A high-level turns the
controller on. A weak internal pull-up holds this pin high so that the pin may be left floating if this function is not
used.
FB
2
I
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal
reference voltage (591 mV typical)
HDRV
10
O
Bootstrapped output for driving the gate of the high-side N-channel FET.
LDRV
7
O
Output to the rectifier MOSFET gate
PGD
5
O
Open drain power good output
SW
9
I
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying high-
side MOSFET driver
VDD
4
I
Power input to the controller
Thermal pad
G
Common reference for the device. Connect to the system GND.


Similar Part No. - TPS40192DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192DRCT TI-TPS40192DRCT Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCT TI-TPS40192DRCT Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCTG4 TI-TPS40192DRCTG4 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCTG4 TI-TPS40192DRCTG4 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results

Similar Description - TPS40192DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com