Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51225CRUKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51225CRUKR
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225CRUKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS51225CRUKR Datasheet HTML 1Page - Texas Instruments TPS51225CRUKR Datasheet HTML 2Page - Texas Instruments TPS51225CRUKR Datasheet HTML 3Page - Texas Instruments TPS51225CRUKR Datasheet HTML 4Page - Texas Instruments TPS51225CRUKR Datasheet HTML 5Page - Texas Instruments TPS51225CRUKR Datasheet HTML 6Page - Texas Instruments TPS51225CRUKR Datasheet HTML 7Page - Texas Instruments TPS51225CRUKR Datasheet HTML 8Page - Texas Instruments TPS51225CRUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
VIN
VBST1
TPS51225C
DRVH1
SW1
DRVL1
VO1
VFB1
CS1
EN1
EN 5 V
VCLK
VREG5
VIN
5.5 V to 24 V
VOUT
5 V
VOUT
15 V
VBST2
DRVH 2
SW2
DRVL2
VFB2
CS2
EN2
PGOOD
VREG3
EN 3.3 V
VOUT
3.3 V
PGOOD
3.3-V Always ON
UDG-12001
1 mF
1 mF
5 V
Always ON
VIN
VBST1
TPS51225
TPS51225 B
DRVH1
SW1
DRVL1
VO1
VFB1
CS1
EN1
EN-5V
VCLK
VREG5
VIN
5.5 V to 24 V
VOUT
5 V
VOUT
15 V
VBST2
DRVH 2
SW2
DRVL2
VFB2
CS2
EN2
PGOOD
VREG3
EN 3.3 V
VOUT
3.3 V
PGOOD
3.3-V Always ON
UDG-11182
1 mF
5 V
1 mF
TPS51225, TPS51225B, TPS51225C
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION DIAGRAM (TPS51225/TPS51225B)
TYPICAL APPLICATION DIAGRAM (TPS51225C)
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51225 TPS51225B TPS51225C


Similar Part No. - TPS51225CRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51225CRUKR TI1-TPS51225CRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225CRUKR TI1-TPS51225CRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results

Similar Description - TPS51225CRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com