Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51650 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51650
Description  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51650 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51650 Datasheet HTML 2Page - Texas Instruments TPS51650 Datasheet HTML 3Page - Texas Instruments TPS51650 Datasheet HTML 4Page - Texas Instruments TPS51650 Datasheet HTML 5Page - Texas Instruments TPS51650 Datasheet HTML 6Page - Texas Instruments TPS51650 Datasheet HTML 7Page - Texas Instruments TPS51650 Datasheet HTML 8Page - Texas Instruments TPS51650 Datasheet HTML 9Page - Texas Instruments TPS51650 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TPS51650, TPS59650
SLUSAV7
– JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMERS: SLEW RATE, ISLEW, ADDR, ON-TIME AND I/O TIMING
VBOOT > 0 V, SLEWRATE = 12 mV/µs, no faults,
tSTARTUP1
Start-up time
time from VR_ON until the controller responds to
5
ms
SVID commands
SLEWRATE = 12mV/
µs, VR_ON goes ‘HI’,
SLSTRTSTP
xVFB slew soft-start / soft-stop
1.25
1.50
1.75
mV/
µs
VR_ON goes
‘LO = ‘Soft-stop’
VSLEWA
≤ 0.30V (Also disables SVID CLK timer)
10.0
12.0
14.5
VSLEWA = 0.4 V
3
4
5
VSLEWA = 0.6 V
7
8
10
0.75 V
≤ VSLEWA ≤ 0.85 V
10.0
12.0
14.5
SLSET
Slew rate setting
mV/
µs
VSLEWA = 1.0 V
16
VSLEWA = 1.2 V
20
VSLEWA = 1.4 V
23
VSLEWA = 1.6 V
26
Time from xVFB out of +220 mV VDAC boundary
tPGDDGLTO
xPGOOD deglitch time
5
15
µs
to xPGOOD low.
Time from xVFB out of -315 mV VDAC boundary
tPGDDGLTU
xPGOOD deglitch time
50
100
µs
to xPGOOD low.
TPS51650
300
317
340
RCF= 20 kΩ, VBAT= 12 V,
VDAC= 1.1 V (250 kHz)
TPS59650
298
317
340
TPS51650
245
261
284
RCF= 24 kΩ, VBAT= 12 V,
VDAC= 1.1 V (300 kHz)
TPS59650
243
261
284
TPS51650
210
223
242
RCF= 30 kΩ, VBAT= 12 V,
VDAC= 1.1 V (350 kHz)
TPS59650
208
223
242
TPS51650
184
196
216
RCF= 39 kΩ, VBAT= 12 V,
VDAC= 1.1 V (400 kHz)
TPS59650
181
196
216
tTON_CPU
CPU on-time
ns
TPS51650
169
181
201
RCF= 56 kΩ, VBAT= 12 V,
VDAC= 1.1 V (450 kHz)
TPS59650
166
181
201
TPS51650
153
164
184
RCF= 75 kΩ, VBAT= 12 V,
VDAC= 1.1 V (500 kHz)
TPS59650
150
164
184
TPS51650
140
151
171
RCF= 100 kΩ, VBAT= 12 V,
VDAC= 1.1 V (550 kHz)
TPS59650
137
151
171
TPS51650
130
140
160
RCF= 150 kΩ, VBAT= 12 V,
VDAC= 1.1 V (600 kHz)
TPS59650
127
140
160
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - TPS51650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51650RSLR TI1-TPS51650RSLR Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51650RSLT TI1-TPS51650RSLT Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Similar Description - TPS51650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com