Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54226 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54226
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54226 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54226 Datasheet HTML 6Page - Texas Instruments TPS54226 Datasheet HTML 7Page - Texas Instruments TPS54226 Datasheet HTML 8Page - Texas Instruments TPS54226 Datasheet HTML 9Page - Texas Instruments TPS54226 Datasheet HTML 10Page - Texas Instruments TPS54226 Datasheet HTML 11Page - Texas Instruments TPS54226 Datasheet HTML 12Page - Texas Instruments TPS54226 Datasheet HTML 13Page - Texas Instruments TPS54226 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V
-50mV/div
OUT
I
-1 A/div
OUT
100
s/div
m
1
1.025
1.05
1.075
1.1
0
5
10
15
20
V -InputVoltage-V
I
I
=10mA
O
I
=1 A
O
EN-10V/div
V
-0.5V/div
OUT
PG-5V/div
400
s/div
m
40
50
60
70
80
90
100
0
0.5
1
1.5
2
I
-OutputCurrent- A
O
V
=3.3V
O
V
=1.8V
O
V
=2.5V
O
TPS54226
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. 1.05-V OUTPUT VOLTAGE vs INPUT VOLTAGE
Figure 6. 1.05 V 50 mA TO 2A LOAD
TRANSIENT RESPONSE
Figure 7. START-UP WAVE FORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
10
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54226


Similar Part No. - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226 TI1-TPS54226 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PW TI-TPS54226PW Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI-TPS54226PWP Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
More results

Similar Description - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com