Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17302Q5A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17302Q5A
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17302Q5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD17302Q5A Datasheet HTML 1Page - Texas Instruments CSD17302Q5A Datasheet HTML 2Page - Texas Instruments CSD17302Q5A Datasheet HTML 3Page - Texas Instruments CSD17302Q5A Datasheet HTML 4Page - Texas Instruments CSD17302Q5A Datasheet HTML 5Page - Texas Instruments CSD17302Q5A Datasheet HTML 6Page - Texas Instruments CSD17302Q5A Datasheet HTML 7Page - Texas Instruments CSD17302Q5A Datasheet HTML 8Page - Texas Instruments CSD17302Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS51518
SLUSAO8
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
ORDERABLE DEVICE
MINIMUM
TA
PACKAGE
PINS
OUTPUT SUPPLY
NUMBER
QUANTITY
TPS51518RUKR
20
Tape and reel
3000
PLASTIC QUAD FLAT PACK
–10℃ to 105℃
(QFN)
TPS51518RUKT
20
Mini reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
BST
–0.3
36.0
BST(3)
–0.3
6.0
SW
–5
30
EN, TRIP, MODE, VID1, VID0
–0.3
5.5
Input voltage range(2)
V
5VIN
–0.3
5.3
SLEW, VSNS
–0.3
3.6
GSNS
–0.35
0.35
GND
–0.3
0.3
DRVH
–5
36
DRVH(3)
–0.3
6.0
–0.3
6.0
Output voltage range(2)
DRVL
V
transient
< 20 ns
–2.0
6.0
PGOOD
–0.3
6.0
VREF, V0, V1, V2, V3
–0.3
3.6
Junction temperature, TJ
–40
125
°C
Storage temperature, TSTG
–55
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51518


Similar Part No. - CSD17302Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results

Similar Description - CSD17302Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com