Electronic Components Datasheet Search |
|
TPS53355DQPT Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TPS53355DQPT Datasheet(HTML) 5 Page - Texas Instruments |
5 / 39 page 5 TPS53355 www.ti.com SLUSAE5D – AUGUST 2011 – REVISED NOVEMBER 2016 Product Folder Links: TPS53355 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6 Specifications 6.1 Absolute Maximum Ratings (1) MIN MAX UNIT Input voltage VIN (main supply) –0.3 25 V VDD –0.3 28 VBST –0.3 32 VBST (with respect to LL) –0.3 7 EN, TRIP, VFB, RF, MODE –0.3 7 Output voltage LL DC –2 25 V Pulse < 20ns, E=5 μJ –7 27 PGOOD, VREG –0.3 7 GND –0.3 0.3 Source/Sink current VBST 50 mA Operating free-air temperature, TA –40 85 °C Junction temperature, TJ –40 150 Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 300 Storage temperature, Tstg –55 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22- C101(2) ±500 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Input voltage range VIN (main supply) 1.5 15 V VDD 4.5 25 VBST 4.5 28 VBST (with respect to LL) 4.5 6.5 EN, TRIP, VFB, RF, MODE –0.1 6.5 Output voltage range LL –1 22 V PGOOD, VREG –0.1 6.5 Junction temperature range, TJ –40 125 °C |
Similar Part No. - TPS53355DQPT |
|
Similar Description - TPS53355DQPT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |