Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54201DDCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54201DDCT
Description  4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54201DDCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54201DDCT Datasheet HTML 6Page - Texas Instruments TPS54201DDCT Datasheet HTML 7Page - Texas Instruments TPS54201DDCT Datasheet HTML 8Page - Texas Instruments TPS54201DDCT Datasheet HTML 9Page - Texas Instruments TPS54201DDCT Datasheet HTML 10Page - Texas Instruments TPS54201DDCT Datasheet HTML 11Page - Texas Instruments TPS54201DDCT Datasheet HTML 12Page - Texas Instruments TPS54201DDCT Datasheet HTML 13Page - Texas Instruments TPS54201DDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
TPS54200, TPS54201
SLUSCO8A – NOVEMBER 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPS54200 TPS54201
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS5420x is a 1.5-A synchronous buck LED driver up to 28-V input. Current-mode operation provides fast
transient response. The optimized internal compensation network minimizes the external component counts and
simplifies the control loop design.
Fixed 600-kHz switching frequency is chosen for a good tradeoff between efficiency and size.
The integrated 150-mΩ high-side MOSFET and 70-mΩ low-side MOSFET allow for the high-efficiency LED driver
with continuous output currents up to 1.5 A.
The TPS5420x supports deep dimming in both analog and PWM dimming mode. In analog dimming mode, the
internal reference voltage is changed proportional to the duty cycle of PWM signal in 1% to 100% range. In PWM
dimming mode, LED will be turn on and off according to PWM duty cycle periodically. For higher efficiency, the
internal reference will be halved to 100 mV.
Cycle-by-cycle current limit in high-side MOSFET protects the converter in over-load condition and is enhanced
by a low-side MOSFET freewheeling current limit which prevents current runaway. There is a low-side MOSFET
sinking current limit to prevent excessive reverse current.
For safety and protection the TPS5420x includes LED open and short protection, sense resistor open and short
protection, and device thermal protection. TPS54200 implements shutdown-and-latch mode protection, while
TPS54201 adopts hiccup up mode protection.


Similar Part No. - TPS54201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS54201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
[Old version datasheet]   TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com