Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61030 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61030
Description  96% Efficient Synchronous Boost Converter With 4A Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61030 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61030_17 Datasheet HTML 2Page - Texas Instruments TPS61030_17 Datasheet HTML 3Page - Texas Instruments TPS61030_17 Datasheet HTML 4Page - Texas Instruments TPS61030_17 Datasheet HTML 5Page - Texas Instruments TPS61030_17 Datasheet HTML 6Page - Texas Instruments TPS61030_17 Datasheet HTML 7Page - Texas Instruments TPS61030_17 Datasheet HTML 8Page - Texas Instruments TPS61030_17 Datasheet HTML 9Page - Texas Instruments TPS61030_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
0
0.5
1
1.5
2
2.5
3
3.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
TPS61030, TPS61031, TPS61032
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
www.ti.com
8.6 Typical Characteristics
Table 1. Table Of Graphs
DC/DC CONVERTER
FIGURE
Figure 1,
Maximum output current
vs Input voltage
Figure 2
vs Output current (TPS61030) (VO = 2.5 V, VI = 1.8 V, VSYNC = 0 V)
Figure 3
vs Output current (TPS61031) (VO = 3.3 V, VI = 1.8 V, 2.4 V, VSYNC = 0 V)
Figure 4
Efficiency
vs Output current (TPS61032) (VO = 5.0 V, VI = 2.4 V, 3.3 V, VSYNC = 0 V)
Figure 5
vs Input voltage (TPS61031) (IO = 10 mA, 100 mA, 1000 mA, VSYNC = 0 V)
Figure 6
vs Input voltage (TPS61032) (IO = 10 mA, 100 mA, 1000 mA, VSYNC = 0 V)
Figure 7
vs Output current (TPS61031) (VI = 2.4 V)
Figure 8
Output voltage
vs Output current (TPS61032) (VI = 3.3 V)
Figure 9
No-load supply current into VBAT
vs Input voltage (TPS61032)
Figure 10
No-load supply current into VOUT
vs Input voltage (TPS61032)
Figure 11
Minimum Load Resistance at
vs Input voltage (TPS61032)
Figure 12
Startup
Figure 1. TPS61031 Maximum Output Current
Figure 2. TPS61032 Maximum Output Current
vs Input Voltage
vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS61030_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results

Similar Description - TPS61030_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com