Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61085
Description  650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61085 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61085 Datasheet HTML 1Page - Texas Instruments TPS61085 Datasheet HTML 2Page - Texas Instruments TPS61085 Datasheet HTML 3Page - Texas Instruments TPS61085 Datasheet HTML 4Page - Texas Instruments TPS61085 Datasheet HTML 5Page - Texas Instruments TPS61085 Datasheet HTML 6Page - Texas Instruments TPS61085 Datasheet HTML 7Page - Texas Instruments TPS61085 Datasheet HTML 8Page - Texas Instruments TPS61085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS61085
SLVS859B – JUNE 2008 – REVISED DECEMBER 2014
www.ti.com
7.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.3
6
V
VS
Boost output voltage range
VIN + 0.5
18.5
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
7.4 Thermal Information
TPS61085
THERMAL METRIC(1)
DGK
PW
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
189.3
183.3
RθJC(top)
Junction-to-case (top) thermal resistance
57.1
66.7
RθJB
Junction-to-board thermal resistance
109.9
112.0
°C/W
ψJT
Junction-to-top characterization parameter
3.5
8.3
ψJB
Junction-to-board characterization parameter
108.3
110.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
VIN = 3.3 V, EN = VIN, VS = 12 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6
V
IQ
Operating quiescent current into IN
Device not switching, VFB = 1.3 V
70
100
μA
ISDVIN
Shutdown current into IN
EN = GND
1
μA
UVLO
Undervoltage lockout threshold
VIN falling
2.2
V
VIN rising
2.3
V
TSD
Thermal shutdown
Temperature rising
150
°C
TSD(HYS)
Thermal shutdown hysteresis
14
°C
LOGIC SIGNALS EN, FREQ
VIH
High level input voltage
VIN = 2.3 V to 6 V
2
V
VIL
Low level input voltage
VIN = 2.3 V to 6 V
0.5
V
Ilkg
Input leakage current
EN = FREQ = GND
0.1
μA
BOOST CONVERTER
VS
Boost output voltage
VIN +
18.5
V
0.5
VFB
Feedback regulation voltage
1.230
1.238
1.246
V
gm
Transconductance error amplifier
107
μA/V
IFB
Feedback input bias current
VFB = 1.238 V
0.1
μA
rDS(on)
N-channel MOSFET on-resistance
VIN = VGS = 5 V, ISW = current limit
0.13
0.20
VIN = VGS = 3.3V, ISW = current limit
0.15
0.24
Ilkg
SW leakage current
EN = GND, VSW = 6V TBD
10
µA
ILIM
N-Channel MOSFET current limit
2.0
2.6
3.2
A
ISS
Soft-start current
VSS = 1.238 V
7
10
13
μA
fS
Oscillator frequency
FREQ = VIN
0.9
1.2
1.5
MHz
FREQ = GND
480
650
820
kHz
Line regulation
VIN = 2.3 V to 6 V, IOUT = 10 mA
0.0002
%/V
Load regulation
VIN = 3.3 V, IOUT = 1 mA to 400 mA
0.11
%/A
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS61085


Similar Part No. - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61085ATDGKRQ1 TI1-TPS61085ATDGKRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
More results

Similar Description - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com