Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54283PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54283PWPG4
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54283PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54283PWPG4 Datasheet HTML 1Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 2Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 3Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 4Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54283PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
www.ti.com
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
–40
°C ≤ T
J ≤ +125°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOTSTRAP
RBOOT1
From BP to BOOT1 or BP to BOOT2,
Bootstrap switch resistance
18
IEXT = 50 mA
RBOOT2
OUTPUT STAGE (Channel 1 and Channel 2)
TJ = +25°C, VPVDD2 = 8 V
100
RDS(on)
(3)
MOSFET on resistance plus bond wire resistance
m
–40
°C < T
J < +125°C, VPVDD2 = 8 V
100
180
tON(min)
(3)
Minimum controllable pulse width
ISWx peak current > 1 A
(4)
100
200
ns
DMIN
Minimum Duty Cycle
VFB = 0.9 V
0
%
TPS54283 fSW = 300 kHz
90
95
%
DMAX
Maximum Duty Cycle
TPS54286 fSW = 600 kHz
85
90
%
ISW
Switching node leakage current (sourcing)
Outputs OFF
2
12
µA
THERMAL SHUTDOWN
TSD
(3)
Shutdown temperature
148
TSD(hys)
(3)
Hysteresis
20
°C
(3)
Ensured by design. Not production tested.
(4)
See Figure 14 for characteristics for ISWx peak current < 1 A.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286


Similar Part No. - TPS54283PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54283PWPG4 TI-TPS54283PWPG4 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Similar Description - TPS54283PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI1-TPS55383_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com