Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61160 Datasheet HTML 3Page - Texas Instruments TPS61160 Datasheet HTML 4Page - Texas Instruments TPS61160 Datasheet HTML 5Page - Texas Instruments TPS61160 Datasheet HTML 6Page - Texas Instruments TPS61160 Datasheet HTML 7Page - Texas Instruments TPS61160 Datasheet HTML 8Page - Texas Instruments TPS61160 Datasheet HTML 9Page - Texas Instruments TPS61160 Datasheet HTML 10Page - Texas Instruments TPS61160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 3.6 V, CTRL = VIN, TA = –40°C to +85°C, typical values are at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OC and OLP
ILIM
N-Channel MOSFET current limit
D = Dmax
0.56
0.7
0.84
A
ILIM_Start
Start up current limit
D = Dmax
0.4
A
tHalf_LIM
Time step for half current limit
5
ms
Vovp
Open LED protection threshold
Measured on the SW pin,
TPS61160
TPS61161
25
37
26
38
27
39
V
V(FB_OVP)
Open LED protection threshold on FB
Measured on the FB pin,
percentage of VREF
VREF= 200 mV and 20 mV
50%
VACKNL
Acknowledge output voltage low
Open drain, Rpullup =15 kΩ to VIN
0.4
V
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C
(1)
Acknowledge condition active 0, this condition will only be applied in case the RFA bit is set. Open drain output, line needs to be pulled
high by the host with resistor load.
(2)
To select EasyScale mode, the CTRL pin has to be low for more than tes_det during tes_win.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
OC and OLP
tREF
VREF filter time constant
180
μs
tstep
VREF ramp up time
213
μs
EasyScale
tvalACKN
Acknowledge valid time(1)
2
μs
tACKN
Duration of acknowledge condition(1)
512
μs
toff
CTRL pulse width to shutdown, CTRL high to low
2.5
ms
tes_det
Easy Scale detection time(2)
260
μs
tes_delay
EasyScale detection delay, Measured from CTRL high
100
μs
tes_win
EasyScale detection window time
1
ms
tSTART
Start time of program stream
2
μs
tEOS
End time of program stream
2
360
μs
tH_LB
High time low bit, logic 0
2
180
μs
tL_LB
Low time low bit, logic 0
2 × tH_LB
360
μs
tH_HB
High time high bit, logic 1
2 × tL_HB
360
μs
tL_HB
Low time high bit, logic 1
2
180
μs


Similar Part No. - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI1-TPS61160 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com