Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61161A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61161A
Description  White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61161A Datasheet HTML 5Page - Texas Instruments TPS61161A Datasheet HTML 6Page - Texas Instruments TPS61161A Datasheet HTML 7Page - Texas Instruments TPS61161A Datasheet HTML 8Page - Texas Instruments TPS61161A Datasheet HTML 9Page - Texas Instruments TPS61161A Datasheet HTML 10Page - Texas Instruments TPS61161A Datasheet HTML 11Page - Texas Instruments TPS61161A Datasheet HTML 12Page - Texas Instruments TPS61161A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SW
Ramp
Generator
Oscillator
Current
Sensor
OLP
CTRL
GND
C3
L1
+
FB
Reference
Control
D1
Error
Amplifer
2
1
Rset
C2
Vin
C1
PWM Control
4
6
Soft
Start-up
5
3
COMP
9
TPS61160A, TPS61161A
www.ti.com
SLVS937C – MARCH 2009 – REVISED JULY 2016
Product Folder Links: TPS61160A TPS61161A
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS61160A/61A is a high-efficiency, high output voltage boost converter in small package size that is ideal
for driving white LED in series. The serial LED connection provides even illumination by sourcing the same
output current through all LEDs, eliminating the need for expensive factory calibration. The device integrates 40-
V/0.7-A switch FET and operates in pulse width modulation (PWM) with 600-kHz fixed switching frequency. For
operation see the block diagram. The duty cycle of the converter is set by the error amplifier output and the
current signal applied to the PWM control comparator. The control architecture is based on traditional current-
mode control; therefore, a slope compensation is added to the current signal to allow stable operation for duty
cycles larger than 50%. The feedback loop regulates the FB pin to a low reference voltage (200 mV typical),
reducing the power dissipation in the current sense resistor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Soft Start-Up
Soft-start circuitry is integrated into the IC to avoid a high inrush current during start-up. After the device is
enabled, the voltage at FB pin ramps up to the reference voltage in 32 steps, each step takes 213 μs. This
ensures that the output voltage rises slowly to reduce the input current. Additionally, for the first 5 msec after the
COMP voltage ramps, the current limit of the switch is set to half of the normal current limit spec. During this
period, the input current is kept below 400 mA (typical). See the start-up waveform of a typical example,
Figure 9.


Similar Part No. - TPS61161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61161A TI1-TPS61161A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161ADRV TI-TPS61161ADRV Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161ADRVR TI-TPS61161ADRVR Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161ADRVR TI1-TPS61161ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161ADRVT TI-TPS61161ADRVT Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
More results

Similar Description - TPS61161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com