Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62360YZHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360YZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62360YZHT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62360YZHT Datasheet HTML 1Page - Texas Instruments TPS62360YZHT Datasheet HTML 2Page - Texas Instruments TPS62360YZHT Datasheet HTML 3Page - Texas Instruments TPS62360YZHT Datasheet HTML 4Page - Texas Instruments TPS62360YZHT Datasheet HTML 5Page - Texas Instruments TPS62360YZHT Datasheet HTML 6Page - Texas Instruments TPS62360YZHT Datasheet HTML 7Page - Texas Instruments TPS62360YZHT Datasheet HTML 8Page - Texas Instruments TPS62360YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TPS62360, TPS62361B
TPS62362, TPS62363
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating ambient temp. –40°C
≤ TA ≤ 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PFM mode
56
µA
EN = HIGH,
Operating quiescent current into (AVIN
Forced PWM
IQ
IOUT = 0mA,
+ VIN)
mode
180
µA
not switching
(Test Mode)
Input voltage falling, EN = High
2.3
2.45
V
VUVLO
Under voltage lock out at AVIN
Input voltage rising, EN = Low
1.3
V
Under voltage lock out hysteresis at
VUVLO,HYST(AVIN)
Input voltage rising
110
mV
AVIN
VDD,UVLO
Under voltage lock out at VDD
Input voltage falling
0.7
0.92
1.1
V
Under voltage lock out hysteresis at
VUVLO,HYST(VDD)
Input voltage rising
50
mV
VDD
I2C not active
0
µA
IVDD
Input current at VDD
I2C active (r/w)
0.02
1
mA
LOGIC INTERFACE
High-level input voltage at EN, VSEL0,
VIH
1.2
V
VSEL1
Low-level input voltage at EN, VSEL0,
VIL
0.4
V
VSEL1
VIH,I2C
High-level input voltage at SCL, SDA
0.7x VDD
V
VIL,I2C
Low-level input voltage at SCL, SDA
0.3x VDD
V
Logic input leakage current at EN,
Internal pulldown resistors
ILKG
0.05
µA
VSEL0, VSEL1, SDA, SCL
disabled
Pull down resistance at EN, VSEL0,
Internal pulldown resistors
RPD
300
k
Ω
VSEL1
enabled
Fast mode
400
kHz
I2C clock frequency
High speed mode
3.4
MHz
POWER SWITCH
High side MOSFET switch
VIN = 3.6V
25
44
75
m
Ω
RDS(on)
Low side MOSFET switch
VIN = 3.6V
25
32
50
m
Ω
High side MOSFET forward current limit
VIN = 3.6V
3.0
3.6
4.3
A
Low side MOSFET forward current limit
VIN = 3.6V
2.6
3
3.8
A
ILIMF
Low side MOSFET negative current
VIN = 3.6V, PWM mode
2.2
2.5
2.9
A
limit
fSW
Nominal switching frequency
PWM mode
2.5
MHz
TJEW
Die temperature early warning
120
°C
TJSD
Thermal shutdown
150
°C
TJSD,HYST
Thermal shutdown hysteresis
20
°C
tON,min
Minimum on time
120
ns
OUTPUT
TPS62360/62
0.77
1.4
10mV
VOUT
Output voltage range
V
increments
TPS62361B/63
0.5
1.77
TPS62360/62:
No load, Forced
VIN = 2.5V ..
PWM,
5.5V
VOUT = [0.77V,
-0.5%
+0.5%
VOUT = 0.77V ..
1.3V]
1.4V
TJ = 85°C
Output voltage accuracy
TPS62361B/63:
No load, Forced
VIN = 2.7V ..
PWM,
5.5V
-1%
±0.5%
+1%
TJ = -40 ..
VOUT = 0.5V ..
150°C
1.77V
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363


Similar Part No. - TPS62360YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360YZHT TI1-TPS62360YZHT Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360YZHT TI-TPS62360YZHT Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360YZHT TI1-TPS62360YZHT Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62360YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com