Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS798XX-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS798XX-Q1
Description  50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS798XX-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS798XX-Q1 Datasheet HTML 7Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 8Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 9Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 10Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 11Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 12Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 13Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 14Page - Texas Instruments TPS798XX-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS79801-Q1, TPS79850-Q1
www.ti.com
SLVS822E – MARCH 2009 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.2 Output Capacitance and Transient Response
The TPS798xx-Q1 is designed to be stable with a wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capacitors. To prevent oscillations, TI recommends a minimum
output capacitor of 1
μF with an ESR of 3 Ω or less. The TPS798xx-Q1 is a micropower device, and output
transient response is a function of output capacitance. Larger values of output capacitance decrease the peak
deviations and provide improved transient response for larger load current changes. Bypass capacitors, used to
decouple individual components powered by the TPS798xx-Q1, increase the effective output capacitor value.
Extra consideration must be given to the use of ceramic capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temperature and applied voltage. The most common
dielectrics used are Z5U, Y5 V, X5R, and X7R. The Z5U and Y5 V dielectrics are good for providing high
capacitances in a small package, but exhibit strong voltage and temperature coefficients. When used with a 5 V
regulator, a 10-
μF Y5 V capacitor can exhibit an effective value as low as 1 μF to 2 μF over the operating
temperature range. The X5R and X7R dielectrics result in more stable characteristics and are more suitable for
use as the output capacitor. The X7R type has better stability across temperature, while the X5R is less
expensive and is available in higher values.
Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates voltage across its terminals because of mechanical
stress, similar to the way a piezoelectric accelerometer or microphone works. For a ceramic capacitor, the stress
can be induced by vibrations in the system or thermal transients.
7.3.3 Calculating Junction Temperature
Given an output voltage of 5 V, an input voltage range of 15 V to 24 V, an output current range of 0 mA to
50 mA, and a maximum ambient temperature of 50°C, the maximum junction temperature is calculated as
follows.
The power dissipated (PDISS) by the DGN package is equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
where
IOUT(MAX) = 50 mA
VIN(MAX) = 24 V
VOUT = 5 V
IGND at (IOUT = 50 mA, VIN = 24 V) = 1 mA
(2)
Therefore,
PDISS = 50 mA (24 V – 5 V) + 1 mA (24 V) = 0.974 W
(3)
The thermal resistance is approximately 60°C/W, based on JEDEC 51-5 profile. Therefore, the junction
temperature rise above ambient is approximately equal to:
0.974 W × 60°C/W = 58.44°C
(4)
The maximum junction temperature is then equal to the maximum junction temperature rise above ambient plus
the maximum ambient temperature or:
TJ max = 50°C + 58.44°C = 108.44°C
(5)
7.3.4 Protection Features
The TPS798xx-Q1 incorporates several protection features that make it ideal for use in battery-powered circuits.
In addition to the normal protection features associated with monolithic regulators, such as current limiting and
thermal limiting, the device is protected against reverse-input voltages, and reverse currents from output to input.
Current limit protection and thermal-overload protection are intended to protect the device against current
overload conditions at the output of the device. The junction temperature should not exceed 125°C.
The input of the device withstands reverse voltages of –60 V. Current flow into the device is limited to less than
6 mA (typically, less than 100
μA), and no negative voltage appears at the output. The device protects both itself
and the load. This architecture also provides protection against batteries that may be plugged in backwards.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS79801-Q1 TPS79850-Q1


Similar Part No. - TPS798XX-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801QDGNRQ1 TI1-TPS79801QDGNRQ1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79850-Q1 TI1-TPS79850-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
More results

Similar Description - TPS798XX-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com