Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79801QDGNRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79801QDGNRQ1
Description  50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79801QDGNRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79801QDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 9Page - Texas Instruments TPS79801QDGNRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
20
40
60
80
100
120
10
20
30
40
50
60
VIN – Input Voltage – V
VOUT = 5 V
TJ(max) = 125°C
0JA = 50°C/W
IOUT = 5 m A
IOUT = 30 m A
IOUT = 50 m A
D C
O pe ra t io n
T ra ns ie nt
( <5 0 0 m s )
TPS79801-Q1, TPS79850-Q1
SLVS822E – MARCH 2009 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 1 V or 4 V (whichever is greater for either fixed or adjustable versions), ILOAD = 1 mA, VEN = 3 V,
COUT = CIN = 2.2 μF (unless otherwise noted). For TPS79801, FB pin tied to VOUT. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
TJ
(1)
MIN
TYP
MAX
UNIT
Input reverse leakage
IRL
VIN = –60 V, VOUT = open, CIN open
Full range
6
mA
current(reverse battery test)
IRO
Reverse output current(10)
VOUT = VOUT(NOM), VIN = ground
25°C
19
25
μA
Shutdown, temperature increasing
135
Thermal shutdown temperature
TSD
°C
(TJ)
(11)
Reset, temperature decreasing
135
(10) Reverse output current is tested with the IN pin tied to ground and the output forced to VOUT(NOM) +0.1 V. This current flows into the
OUT pin and out of the GND pin and then measured.
(11) Specified by design
Figure 1. Safe Operating Area
6.6 Dissipation Ratings
(1)
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
BOARD
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
High-K(2)
DGN
16.6 mW/°C
1.83 W
1.08 W
0.833 W
(1)
See Thermal Considerations for more information related to thermal design.
(2)
The JEDEC High-K (1s) board design used to derive this data was a 4.5-inch × 3-inch, 2-layer board with 2-ounce copper traces on top
of the board.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS79801-Q1 TPS79850-Q1


Similar Part No. - TPS79801QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801QDGNRQ1 TI1-TPS79801QDGNRQ1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
More results

Similar Description - TPS79801QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com