Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # CLT3-4BT6-TR
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CLT3-4BT6-TR Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 9Page - STMicroelectronics CLT3-4BT6-TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CLT3-4BT6
7/10
IN2
COM
VCC
GND
PE/FE
I
5 nF
RI
IN1
IN3
IN4
RC
VC
CLT3-4
VPP
VPP
V
= ± 100V with 42
PP
RI
RI
RI
Fig. 6: Input pin IN voltage surge test circuit.
IN2
COM
VCC
GND
PE/FE
5 nF
RI
IN1
IN3
IN4
RC
VC
CLT3-4
RI
RI
RI
SM15T39C
± 1kV
2
± 1kV
42
Fig. 7: Supply pin VC voltage surge test cicuit.
Each input of the CLT device may be biased to a reverse polarity. This case corresponds to a connection
mistake or a reverse biasing that is generated by the demagnetization of a monitored inductive solenoid.
The involved input withstands the high reverse current up to 20 mA; its opto-coupler is OFF and protected
by the conducting input diode. The other inputs remain operational, and some extra dissipation is
generated in their clamping protections.
Considering the supply operation, a reverse blocking diode can be connected between the module ground
and the common pin COM to protect the CLT device against any spurious reverse supply connection.
Then, the whole module supply voltage rating is extended to ± 30V.
INPUT REVERSE POLARITY ROBUSTNESS
OPTON
4.7k
1.2k
1.2k
I = + 30V
N
N = 1,2 or 3
I = -30V
4
GND (0V)
Vcc = + 30V
1.1 mA
4.3 mA
14 mA
COM
OUTN
OUT4
IREG4
1N4007
VC
CLT3-4
IN4
INN
OPTO4
IREG N
V
= 38 V
CL
Fig. 8: Current sharing in the CLT device when IN4 is biased at - 30V and the others at + 30V


Similar Part No. - CLT3-4BT6-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
More results

Similar Description - CLT3-4BT6-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
   Dual current limited over-voltage protected digital termination
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
   The serial current limited termination device
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
   Over Current Protected Single Channel Driver
June 12th, 2012
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com