Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC01ZETE13REV-F Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24FC01ZETE13REV-F
Description  1-kb I2C Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC01ZETE13REV-F Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24FC01ZETE13REV-F Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT24FC01
7
Doc No. 1073, Rev. D
Read Operations
The READ operation for the CAT24FC01 is initiated in
the same manner as the write operation with the one
exception that the R/
W bit is set to a one. Three different
READ operations are possible: Immediate Address
READ, Selective READ and Sequential READ.
Immediate Address Read
The CAT24FC01’s address counter contains the address
of the last byte accessed, incremented by one. In other
words, if the last READ or WRITE access was to
address N, the READ immediately following would
access data from address N + 1. If N = 217, the counter
will not ‘wrap around’. After the CAT24FC01 receives its
slave address information (with the R/
W bit set to one),
it issues an acknowledge, then transmits the 8-bit byte
requested. The master device does not send an
acknowledge but will generate a STOP condition.
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT24FC01 acknowledge the word
address, the Master device resends the START condition
and the slave address, this time with the R/
W bit set to
one. The CAT24FC01 then responds with its
acknowledge and sends the 8-bit byte requested. The
master device does not send an acknowledge but will
generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24FC01 sends the initial 8-bit
data requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24FC01 will continue to output a byte for
each acknowledge sent by the Master. The operation
will terminate operation when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from the CAT24FC01 is
outputted sequentially with data from address N followed
by data from address N + 1. The READ operation
address counter increments all of the CAT24FC01
address bits so that the entire memory array can be
read during one operation.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
8
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
9


Similar Part No. - CAT24FC01ZETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01ZETE13 CATALYST-CAT24FC01ZETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC01ZETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com