Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82673SIPT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82673SIPT
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82673SIPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS82673SIPT Datasheet HTML 6Page - Texas Instruments TPS82673SIPT Datasheet HTML 7Page - Texas Instruments TPS82673SIPT Datasheet HTML 8Page - Texas Instruments TPS82673SIPT Datasheet HTML 9Page - Texas Instruments TPS82673SIPT Datasheet HTML 10Page - Texas Instruments TPS82673SIPT Datasheet HTML 11Page - Texas Instruments TPS82673SIPT Datasheet HTML 12Page - Texas Instruments TPS82673SIPT Datasheet HTML 13Page - Texas Instruments TPS82673SIPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PFMModeatLightLoad
PFMRipple
PWMModeatHeavyLoad
NominalDCOutputVoltage
10
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Power-Save Mode
If the load current decreases, the converter enters power-save mode automatically. During power-save mode,
the converter operates in discontinuous current, (DCM) single-pulse PFM mode, which produces a low output
ripple compared with other PFM architectures.
When in power-save mode, the converter resumes its operation when the output voltage falls below the nominal
voltage. The converter ramps up the output voltage with a minimum of one pulse and goes into power-save
mode when the output voltage is within its regulation limits.
The IC exits PFM mode and enters PWM mode when the output current can no longer be supported in PFM
mode. As a consequence, the DC output voltage is typically positioned approximately 0.5% above the nominal
output voltage. The transition between PFM and PWM is seamless.
Figure 7. Operation In PFM Mode And Transfer To PWM Mode
9.3.2 Mode Selection
The MODE pin selects the operating mode of the device. Connecting the MODE pin to GND enables the
automatic PWM and power-save mode operation. The converter operates in regulated frequency PWM mode at
moderate to heavy loads, and operates in PFM mode during light loads. This type of operation maintains high
efficiency over a wide load current range.
Pulling the MODE pin high forces the converter to operate in PWM mode even at light-load currents. The
advantage is that the converter modulates its switching frequency according to a spread spectrum PWM
modulation technique that allows simple filtering of the switching harmonics in noise-sensitive applications. In this
mode, the efficiency is lower when compared to the power-save mode during light loads.
For additional flexibility, it is possible to switch from power-save mode to PWM mode during operation. This type
of operation allows efficient power management by adjusting the operation of the converter to the specific system
requirements.
9.3.3 Spread Spectrum, PWM Frequency Dithering
The goal of spread spectrum architecture is to spread out the emitted RF energy over a larger frequency range
so that any resulting electromagnetic interference (EMI) is similar to white noise. The end result is a spectrum
that is continuous and lower in peak amplitude. Spread spectrum makes it easier to comply with EMI standards.
It also makes it easier to comply with the power supply ripple requirements in cellular and non-cellular wireless
applications. Radio receivers are typically susceptible to narrowband noise that is focused on specific
frequencies.
Switching regulators can be particularly troublesome in applications where electromagnetic interference (EMI) is
a concern. Switching regulators operate on a cycle-by-cycle basis to transfer power to an output. In most cases,
the frequency of operation is either fixed or regulated, based on the output load. This method of conversion
creates large components of noise at the frequency of operation (fundamental) and multiples of the operating
frequency (harmonics).


Similar Part No. - TPS82673SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82673SIPT TI1-TPS82673SIPT Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82673SIPT TI-TPS82673SIPT Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82673SIPT TI1-TPS82673SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82673SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com