Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2843ACIM25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM2843ACIM25
Description  300MA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2843ACIM25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM2843ACIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2843ACIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CM2843
300mA CMOS LDO WITH EN & PG
2004/06/01 Rev. 1.3
Champion Microelectronic Corporation
Page 5
DETAILED DESCRIPTION
The CM2843 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection, output short circuit protection, thermal shutdown, and power good function.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, short output protection, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current
and Thermal shutdown circuits become active when the junction temperature exceeds 150℃, or the current exceeds 300mA.
During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops
below 120℃.
The CM2843 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents
over-stress. The CM2843 also incorporates current fold-back to reduce power dissipation when the output is short-circuited. This
feature becomes active when the output drops below 0.95V, and reduces the current flow by 65%. Full current is restored when
the voltage exceeds 0.95V.
EXTERNAL CAPACITOR
The CM2843 is stable with an output capacitor to ground of 2.2µF or greater. It can keep stable even with higher or poor ESR
capacitors. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be
larger than 0.1µF to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A “quiet” ground
termination is desirable.
ENABLE
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shut off, and all internal circuits are
powered down. In this state, the quiescent current is less than 1µA. This pin behaves much like an electronic switch.
POWER GOOD
The CM2843 includes the Power Good feature. Normally, Pin 4 is “Floating”, however, when the output is less than 15% of the
specified voltage, it pulls low. This can occur under the following conditions:
1)
Input Voltage too low
2)
During Over-Temperature
3)
During Over-Current


Similar Part No. - CM2843ACIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ABIM25 ETC1-CM2841ABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ACIM25 ETC1-CM2841ACIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841AIM25 ETC1-CM2841AIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841GABIM25 ETC1-CM2841GABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
More results

Similar Description - CM2843ACIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com