Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25040V Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25040V
Description  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040V Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25040V Datasheet HTML 1Page - Catalyst Semiconductor CAT25040V Datasheet HTML 2Page - Catalyst Semiconductor CAT25040V Datasheet HTML 3Page - Catalyst Semiconductor CAT25040V Datasheet HTML 4Page - Catalyst Semiconductor CAT25040V Datasheet HTML 5Page - Catalyst Semiconductor CAT25040V Datasheet HTML 6Page - Catalyst Semiconductor CAT25040V Datasheet HTML 7Page - Catalyst Semiconductor CAT25040V Datasheet HTML 8Page - Catalyst Semiconductor CAT25040V Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CAT25010/20/40
Doc. No. 1006, Rev. L
Status Register Bits
Array Address
Protection
BP1
BP0
Protected
0
0
None
No Protection
0
1
25010: 60-7F
Quarter Array Protection
25020: C0-FF
25040: 180-1FF
1
0
25010: 40-7F
Half Array Protection
25020: 80-FF
25040: 100-1FF
1
1
25010: 00-7F
Full Array Protection
25020: 00-FF
25040: 000-1FF
BLOCK PROTECTION BITS
76543210
1111
BP1
BP0
WEL
RDY
STATUS REGISTER
clock for SPI modes (0,0 & 1,1).
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
CAT25010/20/40. Opcodes, byte addresses, or data
present on the SI pin are latched on the rising edge of the
SCK. Data on the SO pin is updated on the falling edge
of the SCK for SPI modes (0,0 & 1,1) .
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25010/
20/40 and
CS high disables the CAT25010/20/40. CS
high takes the SO output pin to high impedance and
forces the devices into a Standby Mode (unless an
internal write operation is underway) The CAT25010/
20/40 draws ZERO current in the Standby mode. A high
to low transition on
CS is required prior to any sequence
being initiated. A low to high transition on
CS after a valid
write sequence is what initiates an internal write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low all write operations are inhibited.
WP held low while CS is low will interrupt a write to the
CAT25010/20/40. If the internal write cycle has already
been initiated,
WP going low will have no effect on any
write operation. Figure 10 illustrates the
WP timing
sequence during a write operation.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
The
HOLD pin is used to pause transmission to the
CAT25010/20/40 while in the middle of a serial sequence
without having to re-transmit entire sequence at a later
time. To pause,
HOLD must be brought low while SCK
is low. The SO pin is in a high impedance state during
the time the part is paused, and transitions on the SI pins
will be ignored. To resume communication,
HOLD is
brought high, while SCK is low. (
HOLD should be held
high any time this function is not being used.)
HOLD may
be tied high directly to VCC or tied to VCC through a
resistor. Figure 9 illustrates hold timing sequence.


Similar Part No. - CAT25040V

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25040VA-GT3 CATALYST-CAT25040VA-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040VAT3 CATALYST-CAT25040VAT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040VE-GT3 CATALYST-CAT25040VE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25040VE-GT3 ONSEMI-CAT25040VE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040VE-T3 ONSEMI-CAT25040VE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

Similar Description - CAT25040V

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com