Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSU100-25 Datasheet(PDF) 3 Page - Total Power International

Part # TPSU100-25
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSU100-25 Datasheet(HTML) 3 Page - Total Power International

  TPSU100-25 Datasheet HTML 1Page - Total Power International TPSU100-25 Datasheet HTML 2Page - Total Power International TPSU100-25 Datasheet HTML 3Page - Total Power International TPSU100-25 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL DIMENSIONS: MM [INCHES]WEIGHT: TPSU60 707.0g (24.94 Oz.)
MAIN VO1 @#
MODEL NO.
Typ.
Volt.
TPSU60-10
12.0A
5.0V
TPSU60-10B1
10.0A
6.0V
TPSU60-11
5.0A
12.0V
TPSU60-12
4.0A
15.0V
TPSU60-13
2.5A
24.0V
TPSU60-15
3.0A
19.0V
OUTPUT VOLTAGE / CURRENT RATINGS CHART
TPSU60 Series
SINGLE OUTPUT
DUAL OUTPUT
MAIN VO1 @#
AUX. VO2 ◇▲
MODEL NO.
Typ.
Volt.
Typ.
Volt.
TPSU60-20
5.0A
5.0V
3.0A
12.0V
TPSU60-21
2.5A
12.0V
2.5A
12.0V
TPSU60-22
5.0A
5.0V
2.5A
15.0V
TPSU60-23
2.0A
15.0V
2.0A
15.0V
TPSU60-24
5.0A
5.0V
1.5A
24.0V
TPSU60-25
1.4A
24.0V
1.4A
24.0V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G +VO1 -VO1 +VO2 -VO2 +VO3 -VO3
NC
LOG.
INH.
+S -S
POWER
FAIL
TPSU60-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
TPSU60-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
TPSU60-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
TRIPLE OUTPUT
MAIN VO1 @#
AUX. VO2 ◇▲
AUX. VO3 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
TPSU60-30
5.0A
5.0V
2.5A
12.0V
1.0A
5.0V
TPSU60-31
5.0A
5.0V
2.0A
12.0V
0.5A
15.0V
TPSU60-32
5.0A
5.0V
2.5A
12.0V
0.5A
12.0V
TPSU60-33
5.0A
5.0V
1.5A
24.0V
0.5A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier.
"●" Installed with Post Regulator. "◇" Floating(or isolated) output.
TPSU60
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPSU100-25

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSU100-25 TOTAL-POWER-TPSU100-25 Datasheet
437Kb / 4P
   DUAL INPUT RANGE USER SELECTABLE
TPSU100-25 TOTAL-POWER-TPSU100-25 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU100-25 TOTAL-POWER-TPSU100-25 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com