Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSUU80-300-1 Datasheet(PDF) 2 Page - Total Power International

Part # TPSUU80-300-1
Description  80W U Bracket Type 80W U Bracket Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSUU80-300-1 Datasheet(HTML) 2 Page - Total Power International

  TPSUU80-300-1 Datasheet HTML 1Page - Total Power International TPSUU80-300-1 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPU15C-110
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
N/C
N/C
N/C
N/C
N/C
N/C
Vo2
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Vo3
Vo3
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:480gsapprox.
3.InputconnectormateswithMolexhousing
09-52-4054andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
TPSUU80-2XX
TPSUU80-215
PIN
MODEL
TPSUU80-3XX
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPSUU80-200
TPSUU80-201
TPSUU80-202
TPSUU80-203
TPSUU80-204
TPSUU80-215
TPSUU80-300
TPSUU80-302
TPSUU80-303
TPSUU80-304
TPSUU80-305
TPSUU80-306
+3.3V
+3.3V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
12
. A
1.2A
1.2A
12
. A
1.2A
12A
12A
12A
12A
12A
12A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-24V
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
5
0. A
5
0. A
5
0. A
3
0. A
5
0. A
5
5A
5A
5A
3A
5A
2A
5A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
80W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
80W
80W
80W
64.6W
80W
80W
80W
80W
80W
80W
80W
+5V
+5V
+5V
+5V
-12V
0A
5%
12A
1.2A
TPSUU80-300-1
+
V
3.3
+
V
12
0. A
5
5A
5%
80W
+12V
0A
5%
12A
1.2A
TPSUU80-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
12A
1.2A
5A
TPSUU80-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
12A
1.2A
5A
12A
5A
TPSUU80-302-1
+5V
5%
+12V
5%
+12V
5%
80W
12A
5A
12A
5A
TPSUU80-303-1
+5V
5%
+15V
5%
+15V
5%
80W
12A
5A
12A
3A
TPSUU80-304-1
+5V
5%
+24V
5%
+24V
5%
80W
12A
3A
08A
.
12A
3A
08A
.
TPSUU80-305-1
+5V
5%
+24V
5%
+12V
5%
80W
12A
3A
08A
.
12A
5A
08A
.
TPSUU80-306-1
+3.3V
7%
+12V
5%
+5V
5%
80W
12A
5A
08A
.
TPSUU80-308
+3.3V
7%
+ V
5
5%
-12V
5%
76.6W
12A
5A
1.0A
TPSUU80-308-1
+3.3V
7%
+ V
5
5%
+12V
5%
76.6W
12A
5A
1.0A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
7%
7%
0. A
5
0. A
5
0. A
5
0. A
5
0.5A
0. A
5
0. A
3
0. A
3
0. A
3
0. A
3
0. A
5
0. A
5
0. A
5
0. A
5
08A
.
08A
.
0A
TPSUU80-307
TPSUU80-307-1
+5V
5%
+
V
10
5%
- 0
1 V
5%
80W
12A
5A
1.0A
+5V
5%
+
V
10
5%
+10V
5%
80W
12A
5A
1.0A
1.2A
1.2A
0A
0A
0. A
5
0. A
5
TPSUU80 SERIES
80WUBracketType
I.T.E.PowerSupplies
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - TPSUU80-300-1

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSUU81-200 TOTAL-POWER-TPSUU81-200 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU81-201 TOTAL-POWER-TPSUU81-201 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU81-202 TOTAL-POWER-TPSUU81-202 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU81-203 TOTAL-POWER-TPSUU81-203 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU81-204 TOTAL-POWER-TPSUU81-204 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
More results

Similar Description - TPSUU80-300-1

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSUU-81 TOTAL-POWER-TPSUU-81 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
logo
Astrodyne Corporation
SUU81 ASTRODYNE-SUU81 Datasheet
453Kb / 2P
   80W U-bracket Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPS80 TOTAL-POWER-TPS80 Datasheet
190Kb / 5P
   TPS80 SWITCHING MODE 80W U BRACKET POWER SIPPLY
logo
Vitec Power
SIUA81-SERIES Vitec-SIUA81-SERIES Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA81 Vitec-STUA81 Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
SIUA80 Vitec-SIUA80 Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA80 Vitec-STUA80 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com