Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUR10100 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # HUR10100
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR10100 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  HUR10100 Datasheet HTML 1Page - Sirectifier Semiconductors HUR10100 Datasheet HTML 2Page - Sirectifier Semiconductors HUR10100 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HUR10100, HUR10120
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70 14.73
14.23 16.51
9.66 10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500 0.580
0.560 0.650
0.380 0.420
0.139 0.161
2.300 0.420
0.100 0.135
0.045 0.070
-
0.250
0.025 0.035
0.190 0.210
0.140 0.190
0.015 0.022
0.080 0.115
0.025 0.055
HUR10100
HUR10120
VRSM
V
1000
1200
VRRM
V
1000
1200
A=Anode, C=Cathode, TAB=Cathode
C
A
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TC=115oC; rectangular, d=0.5
35
10
A
TVJ
TVJM
Tstg
-55...+175
175
-55...+150
oC
IFSM
TVJ=45oC; tp=10ms (50Hz), sine
EAS
TVJ=25oC; non-repetitive; IAS=8A; L=180uH
VA=1.25.VR typ.; f=10kHz; repetitive
40
6.9
0.8
A
mJ
IAR
A
Ptot
TC=25oC
Md
mounting torque
typical
60
0.4...0.6
2
W
Nm
Weight
g
Dimensions TO-220AC
Soft Recovery Behaviour High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diodes
C(TAB)
C
A
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - HUR10100

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR10100 SIRECTIFIER-HUR10100 Datasheet
245Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results

Similar Description - HUR10100

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com