Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1044934 Datasheet(PDF) 2 Page - SICK AG

Part # 1044934
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1044934 Datasheet(HTML) 2 Page - SICK AG

  1044934 Datasheet HTML 1Page - SICK AG 1044934 Datasheet HTML 2Page - SICK AG 1044934 Datasheet HTML 3Page - SICK AG 1044934 Datasheet HTML 4Page - SICK AG 1044934 Datasheet HTML 5Page - SICK AG 1044934 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-03VNS-KU0 | MZT8
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT8-03VNS-KU0
1044934
Other models and accessories
www.sick.com/MZT8
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
24 mm
Output type
NPN
Switching frequency
1,000 Hz
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 1)
IP69K 2)
1) According to EN 60529 (IP 67 / IP 68).
2) According to DIN 40050 (IP 69K).
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Power consumption
≤ 10 mA 1)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 200 mA
Protection class
III
Time delay before availability
25 ms
Response sensitivity, typ.
2.6 mT
Overrun distance, typ.
3 mm
Hysteresis, typ.
> 0.5 mT
1) Without load.
2) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


Similar Part No. - 1044934

ManufacturerPart #DatasheetDescription
logo
SICK AG
1044930 SICK-1044930 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1044931 SICK-1044931 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1044932 SICK-1044932 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1044935 SICK-1044935 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1044939 SICK-1044939 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - 1044934

ManufacturerPart #DatasheetDescription
logo
SICK AG
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com