Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709177001601006 Datasheet(PDF) 1 Page - AVX Corporation

Part # 709177001601006
Description  Single Thru Hole IDC Contact
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709177001601006 Datasheet(HTML) 1 Page - AVX Corporation

  709177001601006 Datasheet HTML 1Page - AVX Corporation 709177001601006 Datasheet HTML 2Page - AVX Corporation 709177001601006 Datasheet HTML 3Page - AVX Corporation 709177001601006 Datasheet HTML 4Page - AVX Corporation 709177001601006 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CONNECT
INTERCONNECT
INTER
AVX developed the initial SMT discrete wire IDC connector 5 years ago for 26-28AWG
AVX wires. Since then, we have seen this Wire-to-Board (WTB) contact technology
spread to multiple wire gauges and multiple configurations; standard connectors,
capped connectors and single contacts. All of which addresses specific application or
cost parameters set forth by our customer in demanding industrial, transportation or
commercial applications. The heart of the IDC connector is the true “gas tight” WTB
termination that is achieved once the wire is inserted between the dual phosphor bronze
contact tines. These opposing tines provide enough spring characteristics to allow the
termination to remain stable over extreme levels of temperature, shock and vibration.
The new 9177-600 family of contacts incorporates all of the above mentioned
capabilities. From low cost single contacts to fully integrated capped contacts. The
unique feature of the 600 series is the fact that it was developed for Plated Through Hole
(PTH) termination to the PCB. This addresses the rugged power type boards that have
to handle larger wire gauges up to 12AWG and 15 Amps per contact of current. The PTH
option provides robust PCB attachment and high current capabilities to replace older
technology connectors or in most cases soldering stripped wires directly to the PCB.
ELECTRICAL
• Current Rating: 15A
• Voltage Rating: 600 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon 46, UL94VO
• Contact Material: Phosphor Bronze
• Plating: Tin over Nickel
• Durability: Wires can be replaced up to 3 time
FEATURES AND BENEFITS
• IDC contact provides a “gas tight” wire termination to the PCB to meet
harsh industrial environments
• Simple, robust design offers a high performance solution to hand
soldering large gauge wires to a PCB
• A single contact an handle up to 15A for high current applications with
wire replacement up to 3 times
• The versatile family of IDC contact can accept 12-18AWG of stranded
wires and can be tested for compliance with solid wires
APPLICATIONS
• Industrial pumps, motors and driver boards
• Solar and alternative energy products
• Commercial electrical equipment
• Reference Product Specification & application
notes 201-01-141/142
9177
Series
70
Prefix
70 = Contact
001
Number of Ways
006
Plating
Option
006 = Pure Tin
all over
HOW TO ORDER – CONTACT OPTIONS
6XX
Wire Gauge Size
Code
No of
Details
Ways
001
1
Page 2
Code
Accepted
Wire Gauge
691
12 AWG
Solid or Stranded
601
14 AWG
Solid or Stranded
612
16 AWG
Solid or Stranded
622
18 AWG
Solid or Stranded
9177
Series
60
Prefix
60 = Cap
001
Number of Ways
HOW TO ORDER – CAP OPTIONS
X
Color Options
6XX
Wire Insulation Diameter
Code Color
Application
0
Black
Special Order
1
White
Standard
XX
Assembly Options
Code
Description
00
Through Wire
99
With Stop
Code
No of
Details
Ways
001
1
Pages
4-5
Code
Wire Insulation
Diameter
(AWG)
“A”
627
Ø 2.10 - 2.75
2.75
635
Ø 2.75 - 3.50
3.50
642
Ø 3.50 - 4.25
4.25
Single Thru Hole IDC Contact
12-18 AWG: WTB
9177-600


Similar Part No. - 709177001601006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
7091770016XX006 AVX-7091770016XX006 Datasheet
204Kb / 5P
   IDC Contact & Cap
More results

Similar Description - 709177001601006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9177-600 AVX-9177-600 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact 12-18 AWG: WTB
7091770016XX006 AVX-7091770016XX006 Datasheet
204Kb / 5P
   IDC Contact & Cap
709176001501006 AVX-709176001501006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
logo
Assmann Electronics Inc...
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
   IDC Socket - 26 contact
AWP-20-7241-T ASSMANN-AWP-20-7241-T Datasheet
72Kb / 1P
   IDC Socket - 20 contact
AWP-60-7541-T ASSMANN-AWP-60-7541-T Datasheet
74Kb / 1P
   IDC Socket - 60 contact
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
AWP-26-7541-T ASSMANN-AWP-26-7541-T Datasheet
73Kb / 1P
   IDC Socket - 26 contact
AWP2-20-7241-T ASSMANN-AWP2-20-7241-T Datasheet
69Kb / 1P
   IDC Socket - 20 contact
AWP-40-7541-T ASSMANN-AWP-40-7541-T Datasheet
73Kb / 1P
   IDC Socket - 40 contact
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com