Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709296001123006 Datasheet(PDF) 6 Page - AVX Corporation

Part # 709296001123006
Description  Poke-Home: Single Vertical Contact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709296001123006 Datasheet(HTML) 6 Page - AVX Corporation

  709296001123006 Datasheet HTML 1Page - AVX Corporation 709296001123006 Datasheet HTML 2Page - AVX Corporation 709296001123006 Datasheet HTML 3Page - AVX Corporation 709296001123006 Datasheet HTML 4Page - AVX Corporation 709296001123006 Datasheet HTML 5Page - AVX Corporation 709296001123006 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CONNECT
INTER
107
010217
CONNECT
INTER
9296 VERTIAL MOUNT SMT CONTACT
WIRE TRIM DETAILS
70-9296-001-103-006
70-9296-001-113-006
70-9296-001-123-006
70-9296-001-133-006
NOTES:
1. FOR FULL ASSEMBLY PROCEDURE REFER TO APPLICATION NOTES 201-01-150.
2. THE SAME WIRE STRIP LENGTH APPLIES TO ALL STYLES.
3. STRANDED WIRES SHOULD BE TWISTED TO PREVENT SINGLE STRANDS
BECOMING DETACHED WHEN INSERTED INTO CONTACT.
Poke-Home: Single Vertical Contact
18-26 AWG: WTB
70-9296


Similar Part No. - 709296001123006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
   Poke-Home: Micro Single Vertical Contact
More results

Similar Description - 709296001123006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
   Poke-Home: Micro Single Vertical Contact
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
   POKE HOME
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
   Poke-Home: Low Profile Horizontal
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
   25W3P POKE HOME D-SUB HOUSING
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com