Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-633P8 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-MGA-633P8
Description  Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-633P8 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-MGA-633P8 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-633P8 Datasheet HTML 14Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
MGA-633P8 Typical Scattering Parameters, Vdd = 5V, Idd = 54mA
Freq
GHz
S11
S21
S12
S22
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.73
-45.42
28.96
28.06
145.48
0.02
62.09
0.27
-43.62
0.5
0.25
-95.49
22.03
12.64
108.20
0.05
59.34
0.10
-4.56
0.9
0.16
-119.26
18.08
8.02
89.72
0.08
60.53
0.14
-16.96
1.0
0.15
-124.97
17.27
7.30
86.35
0.09
60.46
0.15
-18.82
1.5
0.10
-142.55
14.10
5.07
70.97
0.12
56.12
0.19
-39.65
1.9
0.07
-158.30
12.17
4.06
60.60
0.15
51.25
0.19
-56.21
2.0
0.07
-162.64
11.74
3.86
58.17
0.16
49.92
0.19
-60.31
2.5
0.05
177.70
9.88
3.12
46.59
0.20
43.20
0.21
-79.41
3.0
0.03
162.14
8.36
2.62
35.95
0.23
36.08
0.23
-95.09
4.0
0.01
-41.60
6.00
2.00
16.45
0.30
22.04
0.25
-118.55
5.0
0.03
-64.06
4.27
1.64
-1.63
0.36
7.61
0.25
-144.60
6.0
0.04
-129.24
2.96
1.41
-18.89
0.42
-7.19
0.24
-170.64
7.0
0.07
-152.03
1.85
1.24
-35.43
0.47
-22.36
0.26
165.84
8.0
0.12
-154.39
0.87
1.11
-50.92
0.52
-37.15
0.29
150.25
9.0
0.18
-161.44
0.05
1.01
-65.12
0.56
-51.58
0.33
138.58
10.0
0.21
-177.23
-0.57
0.94
-78.96
0.60
-66.28
0.35
124.74
11.0
0.21
156.03
-1.03
0.89
-93.28
0.63
-81.96
0.33
104.27
12.0
0.22
124.49
-1.53
0.84
-108.35
0.66
-98.72
0.33
78.81
13.0
0.26
104.45
-2.13
0.78
-122.84
0.66
-115.13
0.38
62.57
14.0
0.33
95.24
-2.66
0.74
-135.50
0.66
-129.75
0.42
60.19
15.0
0.39
84.99
-2.96
0.71
-146.69
0.66
-143.01
0.43
60.20
16.0
0.42
67.14
-3.10
0.70
-159.52
0.67
-157.83
0.40
50.25
17.0
0.43
44.98
-3.53
0.67
-175.16
0.66
-175.42
0.40
27.20
18.0
0.49
28.99
-4.50
0.60
169.61
0.60
167.43
0.48
10.68
19.0
0.57
17.18
-5.59
0.53
156.86
0.53
152.94
0.56
7.82
20.0
0.62
5.97
-6.14
0.49
145.85
0.50
140.18
0.60
6.77
Figure 34
RFinput
Reference Plane
RFoutput
Reference Plane
Bias
[1]
[2]
[3]
[4]
[8]
[7]
[6]
[5]


Similar Part No. - DEMO-MGA-633P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-645T6 BOARDCOM-DEMO-MGA-645T6 Datasheet
291Kb / 16P
   Low Noise Amplifier with Bypass/Shutdown Mode
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
DEMO-MGA-665P8B BOARDCOM-DEMO-MGA-665P8B Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT
DEMO-MGA-675T6 BOARDCOM-DEMO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er with Shutdown Mode
More results

Similar Description - DEMO-MGA-633P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-633P8 BOARDCOM-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-632P8-TR1G AVAGO-MGA-632P8-TR1G Datasheet
631Kb / 18P
   MGA-632P8 Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com