Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-12516B Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-MGA-12516B
Description  Low Noise, High Linearity Match Pair Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-12516B Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-MGA-12516B Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Rating [2] TA = 25°C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage, RF output to ground
V
5.5
Vgg
Gate Voltage
V
1
Pin,max
CW RF Input Power
(Vdd = 5.0, Id=50mA)
dBm
15
Idd
Device Current,
RFout to ground per channel
mA
100
Pdiss
Total Power Dissipation [4]
W1
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3]
(Vdd = 5.0V, Idd = 50mA per channel),
Tjc = 49.4°C/W per channel
Notes:
2. Operation of this device in excess of any of
these limits may cause permanent damage.
3. Thermal resistance measured using Infra-Red
Measurement Technique with both channels
turned on hence Idd_total=100mA.
4. Power dissipation with both channels turned
on. Board temperature TB is 25°C. Derate at
20mW/°C for TB>100°C.
Electrical Specifications [7-10]
RF performance at TA = 25°C, Vdd 5V, Idd = 50mA, 850MHz and 900MHz given for each RF channel, measured on demo
board in Figure 5 with component list in Table1 for 850 MHz matching.
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Vgg
Operational Gate Voltage, Idd = 50mA
V
0.38
0.48
0.63
Gain
Gain
850
dB
17.7
900
dB
15.8
17.4
18.8
IIP3 [8]
Output Third Order Intercept Point
850
dBm
11.8
900
dBm
10.5
12.4
NF [9]
Noise Figure
850
dB
0.40
900
dB
0.41
0.70
OP1dB
Output Power at 1dB Gain Compression
850
dBm
18.3
900
dBm
19.3
IRL
Input Return Loss, 50
: source
850
dB
8.9
900
dB
7.0
ORL
Output Return Loss, 50
: load
850
dB
3.3
900
dB
4.7
REV ISOL
Reverse Isolation
850
dB
29.9
900
dB
29.5
ISOL1-2
Isolation between RFin1 and RFin2
850
dB
45
900
dB
45
Notes:
7. Measurements at 850 MHz and 900 MHz are obtained using demo board described in Figure 5.
8. IIP3 test condition:
a. FRF1 = 850 MHz, FRF2 = 851 MHz with input power of -15dBm per tone.
b. FRF1 = 900 MHz, FRF2 = 901MHz with input power of -15dBm per tone.
9. For NF data, board losses of the input have not been de-embedded.
10. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.


Similar Part No. - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-1X516 BOARDCOM-DEMO-MGA-1X516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias,Low Noise Amplifier
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
More results

Similar Description - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-17516 AVAGO-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16516 AVAGO-MGA-16516 Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
MGA-17516 BOARDCOM-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com