Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-VMMK-2X03 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # DEMO-VMMK-2X03
Description  0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-2X03 Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-VMMK-2X03 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 8Page - Broadcom Corporation. DEMO-VMMK-2X03 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VMMK-2203
0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
Data Sheet
Description
Avago Technologies has combined its industry leading
E-pHEMT technology with a revolutionary wafer level
package (WLP).
The VMMK-2203 is an easy-to-use GaAs MMIC amplifier
that offers excellent gain and noise figure from 0.9 to 11
GHz. The input and output are matched to 50
Ω so no
external matching is needed. Bias is supplied through a
simple external choke and DC blocking network.
The wafer level package is small and ultra thin, yet can be
handled and placed with standard 0402 pick and place
assembly. This product is easy to use since it requires only
a single positive DC voltage for bias and no matching co-
efficients are required for impedance matching to 50
Ω
systems.
WLP 0402, 1mm x 0.5mm x 0.25 mm
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 40V
ESD Human Body Model = 450V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
DY
Pin Connections (Top View)
Note:
“D” = Device Code
“Y” = Month Code
Features
• 1 x 0.5 mm Surface Mount Package
• Ultrathin (0.25mm)
• Gain Block
• Ultra-wide Bandwidth
• 5V Supply
• RoHS6 + Halogen Free
Specifications (6GHz, 5V, 25mA Typ.)
• Noise Figure: 2.0dB typical
• Associated Gain: 16.5dB
• Output IP3: +14dBm
• Output P1dB: +5dBm
Applications
• Low Noise and Driver for Cellular/PCS and WCDMA
Base Stations
• 2.4 GHz, 3.5GHz, 5-6GHz WLAN and WiMax note-
book computer, access point and mobile wireless
applications
• 802.16 & 802.20 BWA systems
• WLL and MMDS Transceivers
• Point-to-Point Radio
• UWB
• Antennas
DY
Output
/ Vdd
Input
Amp
Input
Output
/ Vdd


Similar Part No. - DEMO-VMMK-2X03

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-1225-12 BOARDCOM-DEMO-VMMK-1225-12 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK-2X03

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2203 AVAGO-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2203 BOARDCOM-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103_15 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503 Datasheet
235Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103-TR1G AVAGO-VMMK-2103-TR1G Datasheet
686Kb / 13P
   VMMK-2103 0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com