Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-VMMK-3113 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-VMMK-3113
Description  2 - 6 GHz Directional Detector in SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-3113 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-VMMK-3113 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
0.07
0.13
0.17
0.24
0.28
0.32
0.1
0.2
LSL
USL
800
1000
700
900
LSL
USL
50
70
60
LSL
USL
Product Consistency Distribution Charts at 4 GHz, Vbias = 1.5 V
Ibias: Mean = 0.18 mA, LSL = 0.11 mA, USL = 0.25 mA
Voffset: Mean = 62 mV, LSL = 45 mV, USL = 75 mV
Vdet_On @Pin = +20 dBm: Mean = 830 mV, LSL = 710 mV, USL = 950 mV
Notes:
Distribution data sample sized is based on at least 56 Kpcs taken from
MPV lots.
Future wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.


Similar Part No. - DEMO-VMMK-3113

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK-3113

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3113 AVAGO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
VMMK-3213 AVAGO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package Ultrathin (0.25 mm)
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com