Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-VMMK-3113 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-VMMK-3113
Description  2 - 6 GHz Directional Detector in SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-3113 Datasheet(HTML) 6 Page - Broadcom Corporation.

  DEMO-VMMK-3113 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-3113 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
VMMK-3113 Biasing Information
Biasing and Operation
The VMMK-3113 is a 3 terminal device consisting of a
“through”50 ohm line connecting directly between the RF
Input and RF Output ports, and a directional coupler with
a full wave detector that provides a dc output proportional
to RF power input. As with any high frequency device,
good grounding is required on the common port under
the device for it to produce low loss in the“through”mode.
A suggested PCB layout with appropriate grounding will
be cover later in the application section.
With only 3 terminals available, the DC bias and detected
voltage are internally dc coupled to the input and output
terminals respectively. The key to successful operation
of the VMMK-3113 is the use of low loss bias decoupling
networks connected to both the RF Input and the RF
Output ports. Figure 7 shows a simple biasing circuit.
Thebiasdecouplingnetworksprovidealowlossaccoupled
RF path to the device, a means of biasing the device on the
input, and a means of extracting the detected voltage on
the output of the device. Bias decoupling networks in the
2 to 6 GHz frequency range can be easily produced using
simple lumped resistors and lumped capacitors. All SMT
components are suggested to be of 0402 or 0201 size. The
detector needs two DC blocking caps, C1 and C2, on the
bias
detector
R1
C1
R2
C2
C4 R3
Vdet
Vb
C3
RFin
RFout
Component
Description
C1, C2
2 pF to 8 pF
R1
(Vb - 1.5) / 0.00015
R2
10 k
C3, C4
1 pF to 2 pF
R3
External load resistor (optional)
Figure 7. Biasing the VMMK-3113 Detector Module
input and output ports.This can be accomplished by using
SMT capacitors with values chosen for the frequency of
operation; e.g. 3.9 pF is suggested for 3-5GHz operation
Nominal bias voltage of 1.5 V or 0.16 mA is required for
proper operation. Biasing on the input is by a way of a
large value resistor R1. Its value can be computed using
the following equation:
R1 = (Vb -1.5) / 0.00015
where Vb is the supply voltage.
Detected DC voltage is extracted on the output by a way
of a large value resistor R2, in the range of 10 k
Ω. Bypassing
capacitors C3 and C4 are needed to prevent RF influence
on the dc lines. Suggested value for bypass capacitors is
1 pF.
At zero RF input power, and at 1.5 V supply bias, a nominal
62 mV offset voltage appears at the detected output port.
The internal output source resistance for the detector is
approximately 20 k
Ω. Resistor R3 can be used as an
external load resistor for the detector. Its value can be
optimized for the desired Vout vs. RF input curve.
Figure 8 shows a photo of a VMMK-3113 populated PCB
used to obtain the Vdet vs. Input Power characterization
data from 2 to 6 GHz.
Pins:
GND
Vb
GND Cdet GND
Figure 8. VMMK-3113 Charaterization Board


Similar Part No. - DEMO-VMMK-3113

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK-3113

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3113 AVAGO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
VMMK-3213 AVAGO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package Ultrathin (0.25 mm)
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com