Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-VMMK-3213 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-VMMK-3213
Description  6 - 18 GHz Directional Detector in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-3213 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-VMMK-3213 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 8Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
Table 1. Absolute Maximum Rating (1)
Sym
Parameters/Condition
Unit
Absolute Max
Vbias
Bias Voltage (RF Input)
V
2
Ibias
Bias Current
mA
1
Pin, max
CW RF Input Power (RF Input) (2)
dBm
+34
Tch
Max Channel Temperature
°C
150
Notes
1. Operation of this device above any one of these parameters may cause permanent damage
2. With the DC (typical bias) and RF applied to the device at board temperature, Tb = 25° C
Table 2. DC and RF Specifications
TA = 25° C, Freq = 12 GHz, Vb = 1.5 V, Zin = Zout = 50 Ω unless otherwise specified
Symbol
Parameters / Condition
Unit
Min
Typical
Max
Ibias (1)
Bias Current
mA
0.11
0.19
0.25
I.L. (1)
Insertion Loss
at 6 GHz
at 12 GHz
at 18 GHz
dB
0.15
0.3
0.5
IRL (1)
Input Return Loss
dB
20
ORL (1)
Output Return Loss
dB
20
Dir (2)
Directivity
at 6 GHz
at 12 GHz
at 18 GHz
dB
15
15
17
Voffset (1,3)
Detector Output Offset Voltage
mV
45
62
75
Vdet (4)
Detector Output Voltage at +16 dBm
mV
460
559
700
Notes
1. Measured data obtained from wafer-probing, losses from measurement system de-embedded from final data, Vbias = 1.5 V applied through a
broadband bias tee.
2. Measured by reversing the detector and applying RF power to the output port. Directivity is defined as the difference in dB between the power
applied in the forward direction and the power required in the reverse direction to produce the same Vdet voltage.
3. Voffset is measured with RF input power turned off.
4. Vdet is measured with +16 dBm RF input power at 12 GHz.


Similar Part No. - DEMO-VMMK-3213

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK-3213

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3113 AVAGO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
VMMK-3213 AVAGO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package Ultrathin (0.25 mm)
logo
Broadcom Corporation.
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
AMMP-6408 AVAGO-AMMP-6408_08 Datasheet
623Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com