Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41236NLG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5V41236NLG
Description  4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41236NLG Datasheet(HTML) 4 Page - Integrated Device Technology

  5V41236NLG Datasheet HTML 1Page - Integrated Device Technology 5V41236NLG Datasheet HTML 2Page - Integrated Device Technology 5V41236NLG Datasheet HTML 3Page - Integrated Device Technology 5V41236NLG Datasheet HTML 4Page - Integrated Device Technology 5V41236NLG Datasheet HTML 5Page - Integrated Device Technology 5V41236NLG Datasheet HTML 6Page - Integrated Device Technology 5V41236NLG Datasheet HTML 7Page - Integrated Device Technology 5V41236NLG Datasheet HTML 8Page - Integrated Device Technology 5V41236NLG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IDT5V41236
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
4
IDT5V41236
APRIL 4, 2017
Application Information
Decoupling Capacitors
As with any high-performance mixed-signal IC, the
IDT5V41236 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane.
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via. Distance of the ferrite bead and bulk decoupling
from the device is less critical.
2) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (the ferrite bead and bulk decoupling capacitor can be
mounted on the back). Other signal traces should be routed
away from the IDT5V41236.
This includes signal traces just underneath the device, or on
layers adjacent to the ground plane layer used by the device.
External Components
A minimum number of external components are required for
proper operation. Decoupling capacitors of 0.01
F should
be connected between VDD and GND pairs (1,9 and 15,16)
as close to the device as possible.
On chip capacitors- Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value (in pf) of these
crystal caps equal (CL-12)*2 in this equation, CL=crystal
load capacitance in pf. For example, for a crystal with a 16
pF load cap, each external crystal cap would be 8 pF.
[(16-12)x2]=8.
Current Reference Source Rr (Iref)
If board target trace impedance (Z) is 50
, then Rr = 475
(1%), providing IREF of 2.32 mA, output current (IOH) is
equal to 6*IREF.
Load Resistors RL
Since the clock outputs are open source outputs, 50 ohm
external resistors to ground are to be connected at each
clock output.
Output Termination
The PCI-Express differential clock outputs of the
IDT5V41236 are open source drivers and require an
external series resistor and a resistor to ground. These
resistor values and their allowable locations are shown in
detail in the PCI-Express Layout Guidelines section.
The IDT5V41236 can also be configured for LVDS
compatible voltage levels. See the LVDS Compatible
Layout Guidelines section.


Similar Part No. - 5V41236NLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236PGG RENESAS-5V41236PGG Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236PGG8 RENESAS-5V41236PGG8 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236PGGI RENESAS-5V41236PGGI Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236PGGI8 RENESAS-5V41236PGGI8 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41236NLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com