Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41285NLGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5V41285NLGI
Description  2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41285NLGI Datasheet(HTML) 1 Page - Integrated Device Technology

  5V41285NLGI Datasheet HTML 1Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 2Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 3Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 4Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 5Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 6Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 7Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 8Page - Integrated Device Technology 5V41285NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41285
IDT® 2 OUTPUT PCIE GEN1/2 SYNTHESIZER
1
IDT5V41285
MAY 8, 2017
Recommended Applications
2 output synthesizer for PCIe Gen1/2 and Ethernet
General Description
The IDT5V41285 is a PCIe Gen2 compliant clock
generator. The device has 2 differential HCSL outputs. The
output frequency is selectable via select pins.
Output Features
2 - Non-spread 0.7V current mode differential HCSL
output pairs
Features/Benefits
16-pin TSSOP and VFQFPN packages; small board
footprint
Outputs can be terminated to LVDS; can drive a wider
variety of devices
OE control pin; greater system power management
Industrial temperature range available; supports
demanding embedded applications
For PCIe Gen3 applications, see the IDT5V41315
Key Specifications
Cycle-to-cycle jitter: 80ps
Output-to-output skew <50 ps
PCIe Gen2 phase jitter <3.0ps RMS
Low phase noise: 12kHz to 20MHz <6ps
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
S1:S0
2
CLK0
CLK0
Rr(IREF)
CLK1
CLK1
2
2
OE
Optional tuning crystal
capacitors


Similar Part No. - 5V41285NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41285NLGI RENESAS-5V41285NLGI Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41285NLGI8 RENESAS-5V41285NLGI8 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41285NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com