Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41315NLGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5V41315NLGI8
Description  2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41315NLGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  5V41315NLGI8 Datasheet HTML 1Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 2Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 3Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41315NLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IDT5V41315
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
4
IDT5V41315
MAY 8, 2017
AC Electrical Characteristics - CLK0/CLK1, CLK0/CLK1
Unless stated otherwise, VDD=3.3 V ±5%, TA = TAMBIENT
Note 1: Test setup is RS=33RP=50 with CL=2 pF, Rr = 475 (1%).
Note 2: Measurement taken from a single-ended waveform.
Note 3: Measurement taken from a differential waveform.
Note 4: Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
Note 5: CLK pins are tri-stated when OE is low asserted. CLK is driven differential when OE is high.
Electrical Characteristics - Differential Phase Jitter Parameters
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
HCSL termination
25
200
MHz
LVDS termination
25
100
MHz
Output High Voltage1,2
VOH
HCSL
850
mV
Output Low Voltage1,2
VOL
HCSL
-150
mV
Crossing Point Voltage1,2
Absolute
250
550
mV
Crossing Point Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
80
ps
Frequency Synthesis Error
All outputs
0
ppm
Rise Time1,3
tOR
±150mV
1
4
V/ns
Fall Time1,3
tOF
±150mV
1
4
V/ns
Rise/Fall Time Variation1,2
125
ps
Output to Output Skew
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
50
100
ns
Output Disable Time5
All outputs
50
100
ns
Stabilization Time
tSTABLE
From power-up VDD=3.3 V
1.8
ms
PARAMETER
Symbol
Conditions
Min
Typ
Max
Units
Notes
tjphaseG1
PCIe Gen 1
32
86
ps (p-p) 1,2,3
tjphaseG2Lo
PCIe Gen 2
10kHz < f < 1.5MHz
0.7
3
ps
(RMS)
1,2,3
tjphaseG2High
PCIe Gen 2
1.5MHz < f < Nyquist (50MHz)
2.3
3.1
ps
(RMS)
1,2,3
tjphaseG3
PCIe Gen 3
0.6
1
ps
(RMS)
1,2,3
tjphase12K20M
12kHz-20MHz
N/A
ps
(RMS)
1,2,3
1Guaranteed by design and characterization, not 100% tested in production.
TA = TAMBIENT, Supply Voltage VDD = 3.3 V +/-5%
2See http://www.pcisig.com for complete specs
3Applies to 100MHz
Jitter, Phase


Similar Part No. - 5V41315NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41315NLGI8 RENESAS-5V41315NLGI8 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41315NLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com