Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0612FS-3R3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0612FS-3R3
Description  Small DCR and high rated current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0612FS-3R3 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0612FS-3R3 Datasheet HTML 1Page - Abracon Corporation ASPI-0612FS-3R3 Datasheet HTML 2Page - Abracon Corporation ASPI-0612FS-3R3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo -
tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir -
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASPI-0612FS
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.10.13
Visit www.abracon.com for Terms & Conditions of Sale
6.0 x 6.0 x 1.2mm
Pb
ISO9001:2008
CERTIFIED
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
RoHS/RoHS II Compliant
ABRACON IS
TAPE & REEL:
T: 1,000pcs / reel
Storage Conditions
Even under ideal storage conditions, solderability of products electrodes may decrease as time passes. For this reason, product
should be used with 6 months from the time of delivery. In case of storage over 6 months, solderability shall be checked before
actual usage.
Dimension: mm
a
b
c
d
e
n
178.0 ± 2.0
21.0 ± 0.8
13.0 ± 0.8
20.5 Typ
18.0 Max
50 Min


Similar Part No. - ASPI-0612FS-3R3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-100 ABRACON-ASPI-0615FS-100 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-150 ABRACON-ASPI-0615FS-150 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-1R5 ABRACON-ASPI-0615FS-1R5 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-220 ABRACON-ASPI-0615FS-220 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
More results

Similar Description - ASPI-0612FS-3R3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0310FSSA ABRACON-ASPI-0310FSSA Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
logo
GuangDong Province Meng...
MTSFB0603 MENGCO-MTSFB0603 Datasheet
1Mb / 1P
   Low DCR, small package
MTSFB0402 MENGCO-MTSFB0402 Datasheet
3Mb / 2P
   Low DCR, small package
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com