Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR22W_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SR22W_R1_00001
Description  SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR22W_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SR22W_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SR22W_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SR22W_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SR22W_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SR22W_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 25,2016-REV.05
SR22W SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMA(W) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.002 ounces, 0.068 grams
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW =300µsec, 1% Duty Cycle.
2. Mounted on PCB 6x5mm copper pad areas.
VOLTAGE
20~60 Volt
2 Ampere
CURRENT
1
2
Cathode
Anode
PA RA ME TE R
S YMB OL
S R2 2 W
S R2 3 W
S R2 4 W
S R2 6 W
UNITS
Ma xi mum Re c urre nt P e a k Re ve rs e Vo lta g e
V RRM
20
30
40
60
V
Ma xi mum RMS Vo lt a g e
V RMS
14
21
2 8
4 2
V
Ma xi mum D C B lo c k i ng Vo lta g e
V DC
20
30
40
60
V
Ma xi mum A verag e F o rwa r d C urr e nt (s ee F i g.4)
IF(AV)
2.0
A
P e ak F o r ward S urg e C urre nt : 8 .3ms s i ng le ha lf
si ne -wave supe r i mp os ed on ra t e d load
IFSM
50
A
Ma xi mum F o r ward Vo lta ge at 2.0A ( No te 1)
V F
0.5
0 .7
V
Ma xi mum D C Re ve rs e C urre nt a t Ra te d
D C B loc ki ng Vo ltag e
T
J =2 5
OC
T
J =1 0 0
OC
IR
0.5
20
0.1
20
mA
Typ i ca l Therma l Re si sta nc e ( No te 2 )
R
θJL
R
θJA
25
10 0
OC / W
Op era ti ng Junc ti o n and S tor ag e Te mp era ture Ra ng e
TJ,TSTG
-5 5 t o +1 2 5
- 5 5 to +1 5 0
OC


Similar Part No. - SR22W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22W PANJIT-SR22W Datasheet
556Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR22W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com