Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR32F_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SR32F_R2_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR32F_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SR32F_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SR32F_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SR32F_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SR32F_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SR32F_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 14,2016-REV.03
SR32F SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity: Color band denotes cathode end
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1.Mounted on a FR4 PCB, single-sided copper, with 48cm2copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
VOLTAGE
20-60 Volt
3 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PARAM ET ER
SYM BO L
SR32F
SR33F
SR34 F
S R3 5 F
SR 36F
UN IT S
Re c ur r ent Peak Reve r s e Vo lt age
V
RRM
20
3 0
40
50
60
V
RM S Vo lt age
V
RM S
14
21
28
35
42
V
DC Bloc king Vo lt age
V
R
20
3 0
40
50
60
V
Ave r age For w ar d Cur r ent
I
F( AV)
3A
Pe a k For w a r d Sur g e Cur r ent : 8. 3ms sing le ha lf s ine - w ave
s up e r i mp o s ed on r a t ed lo ad
I
FSM
80
A
For w ar d Vo lt age at 3A
V
F
0. 5
0 . 7 5
V
DC Re ve r s e C ur r e nt a t Ra t e d
DC Bloc king Vo lt age
T
J =2 5
O CI
R
0. 1
mA
Ty p i c a l Junc t ion Ca pa c i tanc e
V R=0 V, 1 M HZ
C
J
510
39 0
p F
Ty pical Ther ma l Resist ance , J unc t ion t o Lead ( No t e 1)
J unc t i o n to Amb ie nt ( No t e 2 )
R
θJL
R
θJA
29
135
O C / W
O p er at ing Junc t ion Te mper at ur e a nd St or age Te mper a t ur e Ra ng e
T
J ,T ST G
- 55 t o + 1 50
O C


Similar Part No. - SR32F_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR32F_R2_00001 PANJIT-SR32F_R2_00001 Datasheet
245Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR32F_R2_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com