Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25040UA Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25040UA
Description  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040UA Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25040UA Datasheet HTML 3Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 4Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 5Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 6Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 7Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 8Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 9Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 10Page - Catalyst Semiconductor CAT25040UA Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CAT25010/20/40
Doc. No. 1006, Rev. L
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
The CAT250140/20/40 powers up in a write disable
state and in a low power standby mode. A WREN
instruction must be issued to perform any writes to the
device after power up. Also,on power up
CS should be
brought low to enter a ready state and receive an
instruction. After a successful byte/page write or status
register write, the CAT250140/20/40 goes into a write
disable mode.
CS must be set high after the proper
number of clock cycles to start an internal write cycle.
Access to the array during an internal write cycle is
ignored and programming is continued. On power up,
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
*X=0 for 25010, 25020 ; X=A8 for 25040
Note: Dashed Line= mode (1, 1) – ––––
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
SO is in a high impedance. If an invalid op code is
received, no data will be shifted into the CAT250140/
20/40, and the serial output pin (SO) will remain in a
high impedance state until the falling edge of
CS is
detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT250140/20/40 will be reset when
power is ramped back up. If this is not possible, then,
following a brown-out episode, the CAT250140/20/40
can be reset by refreshing the contents of the Status
Register (See Application Note AN10).
SK
SI
SO
00
00
00
10
BYTE ADDRESS
Data
Byte 1
012345678
13
14
15 16-23
24-31
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
DATA IN
HIGH IMPEDANCE
A7
A0
X*


Similar Part No. - CAT25040UA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25040 CATALYST-CAT25040 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040 CATALYST-CAT25040 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25040 ONSEMI-CAT25040 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25040 ONSEMI-CAT25040 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25040 ONSEMI-CAT25040 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Similar Description - CAT25040UA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com