Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24F Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS24F
Description  2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS24F Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS24F Datasheet HTML 1Page - Nanjing International Group Co SS24F Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SS22F THRU SS220F)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.4
0.8
1.2
1.6
2.0
2.4
0
20
40
60
80
100
120
140
160
180
200
0
350
300
250
200
150
100
50
0
24
12
36
6
0
48
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
SS
26F
~S
S22
0F
SS
22F
~S
S24
F
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SS24F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS24F YFWDIODE-SS24F Datasheet
160Kb / 3P
   Surface MountSchottky Barrier Rectifier
logo
Shenzhen Yixinwei Techn...
SS24F YIXIN-SS24F Datasheet
129Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SS24F CHENDA-SS24F Datasheet
812Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS24F YIXIN-SS24F Datasheet
113Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS24F DGNJDZ-SS24F Datasheet
120Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS24F

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
   2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS22 YANGJIE-SS22 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS210A-100V-SMAF DGNJDZ-SS210A-100V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM220B GWSEMI-SM220B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com