Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRBV55CL-0412-0423 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CRBV55CL-0412-0423
Description  Harmonic Suppression (2nd Harmonic)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBV55CL-0412-0423 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CRBV55CL-0412-0423 Datasheet HTML 1Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MIN
TYP
UNITS
MAX
PERFORMANCE SPECIFICATION
MHz pk-pk
Lower Frequency:
Upper Frequency:
Tuning Voltage:
Supply Voltage:
Output Power:
Supply Current:
Harmonic Suppression (2
nd Harmonic)
Pushing:
Pulling, all Phases:
Tuning Sensitivity:
Input Capacitance:
Storage Temperature Range:
Operating Temperature Range:
Load Impedance:
MHz
MHz
VDC
VDC
dBm
mA
dBc
MHz/V
pF
°C
°C
412
423
3.5
1.5
4.75
5.0
1.0
6
50
-40
-45
+85
+90
+6.0
0
0.5
Phase Noise @ 100kHz offset:
dBc/Hz
2.0
2.0
+3.0
MHz/V
5.25
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
B
C. Vales
13-Jan-10
CRBV55CL-0412-0423
Page 1 of 1
Box
ed
R
Unless otherwise specified, Dimensions are in: IN
(mm)
Vcc
RF
Vt
0.625
(15.88)
0.625
(15.88)
0.625
(15.88)
1.250
(31.75)
Ø 0.118
Thru 2×
(3.00)
FRONT
BACK
1.000
(25.40)
1.000
(25.40)
1.250
(31.75)
0.590
(14.99)
SIDE
CRYSTEK
MICROWAVE
CRBV55CL
0412-0423 MHz
VCO
SMA
×3
0.250
(6.35)
Ø 0.118
Thru 2x
(3.00)
15
-12
-132
47
Phase Noise @ 10kHz offset:
dBc/Hz
-109


Similar Part No. - CRBV55CL-0412-0423

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55CL-0418-0436 CRYSTEKMICROWAVE-CRBV55CL-0418-0436 Datasheet
197Kb / 2P
   Harmonic Suppression (2nd Harmonic)
More results

Similar Description - CRBV55CL-0412-0423

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55CL-0138-0174 CRYSTEKMICROWAVE-CRBV55CL-0138-0174 Datasheet
195Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0418-0436 CRYSTEKMICROWAVE-CRBV55CL-0418-0436 Datasheet
197Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0457-0468 CRYSTEKMICROWAVE-CRBV55CL-0457-0468 Datasheet
47Kb / 1P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0403-0421 CRYSTEKMICROWAVE-CRBV55CL-0403-0421 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0373-0391 CRYSTEKMICROWAVE-CRBV55CL-0373-0391 Datasheet
191Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0220-0256 CRYSTEKMICROWAVE-CRBV55CL-0220-0256 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0389-0407 CRYSTEKMICROWAVE-CRBV55CL-0389-0407 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CVCO55CC-0777-0880 CRYSTEKMICROWAVE-CVCO55CC-0777-0880 Datasheet
170Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55BE-1874-2074 CRYSTEKMICROWAVE-CRBV55BE-1874-2074 Datasheet
274Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55BE-2710-3120 CRYSTEKMICROWAVE-CRBV55BE-2710-3120 Datasheet
280Kb / 2P
   Harmonic Suppression (2nd Harmonic)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com