Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24CL64 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FM24CL64
Description  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM24CL64 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 12Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FM24CL64
Rev 2.0
July 2003
Page 9 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only, and the functional operation of the device at these or any other conditions above
those listed in the operational section of this specification is not implied. Exposure to absolute maximum
ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD =2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.7
3.65
V
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 400 kHz
@ SCL = 1 MHz
75
150
400
µA
µA
µA
1
ISB
Standby Current
1
µA
2
ILI
Input Leakage Current
10
µA
3
ILO
Output Leakage Current
10
µA
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
4
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
4
VOL
Output Low Voltage
@ IOL = 3.0 mA
0.4
V
RIN
Address Input Resistance (WP, A2-A0)
For VIN = VIL (max)
For VIN = VIH (min)
50
1
K
M
5
VHYS
Input Hysteresis
0.05 VDD
V
4
Notes
1.
SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued.
3.
VIN or VOUT = VSS to VDD. Does not apply to pins with pull down resistors.
4.
This parameter is characterized but not tested.
5.
The input pull-down circuit is strong (50K
Ω) when the input voltage is below V
IL and weak (1MΩ) when the
input voltage is above VIH.


Similar Part No. - FM24CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL64 RAMTRON-FM24CL64 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-DG RAMTRON-FM24CL64-DG Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-G RAMTRON-FM24CL64-G Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com