Electronic Components Datasheet Search |
|
HSMS-282K Datasheet(PDF) 2 Page - Broadcom Corporation. |
|
HSMS-282K Datasheet(HTML) 2 Page - Broadcom Corporation. |
2 / 15 page 2 Pin Connections and Package Marking Notes: 1. Package marking provides orientation and identification. 2. See “Electrical Specifications” for appropriate package marking. Absolute Maximum Ratings[1] T C = 25°C Symbol Parameter Unit SOT-23/SOT-143 SOT-323/SOT-363 I f Forward Current (1 µs Pulse) Amp 1 1 P IV Peak Inverse Voltage V 15 15 T j Junction Temperature °C 150 150 T stg Storage Temperature °C ‑65 to 150 ‑65 to 150 θ jc Thermal Resistance[2] °C/W 500 150 Notes: 1. Operation in excess of any one of these conditions may result in permanent damage to the device. 2. T C = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board. Electrical Specifications T C = 25°C, Single Diode [3] Part Number HSMS[4] Package Marking Code Lead Code Configuration Minimum Breakdown Voltage V BR (V) Maximum Forward Voltage V F (mV) Maximum Forward Voltage V F (V) @ I F (mA) Maximum Reverse Leakage I R (nA) @ V R (V) Maximum Capacitance C T (pF) Typical Dynamic Resistance R D (Ω) [5] 2820 C0 0 Single 15 340 0.5 10 100 1 1.0 12 2822 C2 2 Series 2823 C3 3 Common Anode 2824 C4 4 Common Cathode 2825 C5 5 Unconnected Pair 2827 C7 7 Ring Quad[4] 2828 C8 8 Bridge Quad[4] 2829 C9 9 Cross‑over Quad 282B C0 B Single 282C C2 C Series 282E C3 E Common Anode 282F C4 F Common Cathode 282K CK K High Isolation Unconnected Pair 282L CL L Unconnected Trio 282M HH M Common Cathode Quad 282N NN N Common Anode Quad 282P CP P Bridge Quad 282R OO R Ring Quad Test Conditions I R = 100 mA I F = 1 mA [1] V R = 0V [2] f = 1 MHz I F = 5 mA Notes: 1. ∆V F for diodes in pairs and quads in 15 mV maximum at 1 mA. 2. ∆C TO for diodes in pairs and quads is 0.2 pF maximum. 3. Effective Carrier Lifetime ( τ) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA. 4. See section titled “Quad Capacitance.” 5. R D = RS + 5.2Ω at 25°C and If = 5 mA. 1 2 3 6 5 4 |
Similar Part No. - HSMS-282K |
|
Similar Description - HSMS-282K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |