Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282L Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # HSMS-282L
Description  Surface Mount RF Schottky Barrier Diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-282L Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button HSMS-282L Datasheet HTML 5Page - Broadcom Corporation. HSMS-282L Datasheet HTML 6Page - Broadcom Corporation. HSMS-282L Datasheet HTML 7Page - Broadcom Corporation. HSMS-282L Datasheet HTML 8Page - Broadcom Corporation. HSMS-282L Datasheet HTML 9Page - Broadcom Corporation. HSMS-282L Datasheet HTML 10Page - Broadcom Corporation. HSMS-282L Datasheet HTML 11Page - Broadcom Corporation. HSMS-282L Datasheet HTML 12Page - Broadcom Corporation. HSMS-282L Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Note 5. Avago Application Note 1050, “Low Cost, Surface Mount Power Limiters.”
Sampling Applications
The six lead HSMS‑282P can be used in a sampling circuit,
as shown in Figure 25. As was the case with the six lead
HSMS‑282R in the mixer, the open bridge quad is closed
with traces on the circuit board. The quad was not closed
internally so that it could be used in other applications,
such as illustrated in Figure 17.
Figure 25. Sampling Circuit.
Equation (4) is substituted into equation (3), and equa‑
tions (1) and (3) are solved simultaneously to obtain the
value of junction temperature for given values of diode
case temperature, DC power dissipation and RF power
dissipation.
where n = ideality factor
T = temperature in °K
R
s = diode series resistance
and I
S (diode saturation current) is given by
Thermal Considerations
The obvious advantage of the SOT‑323 and SOT‑363 over
the SOT‑23 and SOT‑142 is combination of smaller size
and extra leads. However, the copper leadframe in the
SOT‑3x3 has a thermal conductivity four times higher than
the Alloy 42 leadframe of the SOT‑23 and SOT‑143, which
enables the smaller packages to dissipate more power.
The maximum junction temperature for these three fami‑
lies of Schottky diodes is 150°C under all operating condi‑
tions. The following equation applies to the thermal anal‑
ysis of diodes:
Note that
θ
jc, the thermal resistance from diode junction
to the foot of the leads, is the sum of two component re‑
sistances,
θ
jc = θ pkg + θchip
(2)
Package thermal resistance for the SOT‑3x3 package is ap‑
proximately 100°C/W, and the chip thermal resistance for
the HSMS‑282x family of diodes is approximately 40°C/W.
The designer will have to add in the thermal resistance
from diode case to ambient—a poor choice of circuit
board material or heat sink design can make this number
very high.
Tj = (V
f If + PRF) θjc + Ta
(1)
where
T
j = junction temperature
T
a = diode case temperature
θ
jc = thermal resistance
V
fIf = DC power dissipated
P
RF = RF power dissipated
Equation (1) would be straightforward to solve but for the
fact that diode forward voltage is a function of tempera‑
ture as well as forward current. The equation for V
f is:
HSMS-282P
sampling
pulse
sample
point
sampling circuit
11600 (Vf – If R s )
nT
I f = I S e
– 1
2
1
1
n – 4060 ( T – 298)
I s = I 0
( T ) e
298


Similar Part No. - HSMS-282L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-282L HP-HSMS-282L Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282L AVAGO-HSMS-282L Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
logo
Agilent(Hewlett-Packard...
HSMS-282L-BLK HP-HSMS-282L-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282L-BLK HP-HSMS-282L-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282L-BLKG HP-HSMS-282L-BLKG Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-282L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com