Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286P Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # HSMS-286P
Description  Surface Mount Microwave Schottky Detector Diodes
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-286P Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button HSMS-286P Datasheet HTML 5Page - Broadcom Corporation. HSMS-286P Datasheet HTML 6Page - Broadcom Corporation. HSMS-286P Datasheet HTML 7Page - Broadcom Corporation. HSMS-286P Datasheet HTML 8Page - Broadcom Corporation. HSMS-286P Datasheet HTML 9Page - Broadcom Corporation. HSMS-286P Datasheet HTML 10Page - Broadcom Corporation. HSMS-286P Datasheet HTML 11Page - Broadcom Corporation. HSMS-286P Datasheet HTML 12Page - Broadcom Corporation. HSMS-286P Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Two SMA connectors (E.F. Johnson 142‑0701‑631 or
equivalent), a high‑Q capacitor (ATC 100A101MCA50 or
equivalent), miscellaneous hardware and an HSMS‑286B
are added to create the test circuit shown in Figure 16.
The calculated input impedance for this network is
shown in Figure 17.
Figure 19. Input Impedance. Modified 2.45 GHz Circuit.
This does indeed result in a very good match at midband,
as shown in Figure 20.
HSMS-0005 fig 21 was 18
FREQUENCY (GHz): 2.3-2.6
HSMS-285X fig 22 was 19
2.3
-20
FREQUENCY (GHz)
2.45
0
-10
-15
2.6
-5
HSMS-0005 fig 23 was 20
FREQUENCY (GHz): 2.3-2.6
2.45 GHz
HSMS-285X fig 24 was 21
2.3
-20
FREQUENCY (GHz)
2.45
0
-10
-15
2.6
-5
Figure 17. Input Impedance, 3 µA Bias.
The corresponding input match is shown in Figure 18. As
was the case with the lower frequency design, bandwidth
is more than adequate for the intended RFID application.
Figure 18. Input Return Loss, 3 µA Bias.
A word of caution to the designer is in order. A glance
at Figure 17 will reveal the fact that the circuit does
not provide the optimum impedance to the diode at
2.45 GHz. The temptation will be to adjust the circuit
elements to achieve an ideal single frequency match, as
illustrated in Figure 19.
Figure 20. Input Return Loss. Modified 2.45 GHz Circuit.
However, bandwidth is narrower and the designer runs
the risk of a shift in the midband frequency of his circuit
if there is any small deviation in circuit board or diode
characteristics due to lot‑to‑lot variation or change in
temper‑ature. The matching technique illustrated in
Figure 17 is much less sensitive to changes in diode and
circuit board processing.
5.8 GHz Detector Circuit
A possible design for a 5.8 GHz detector is given in Figure
21.
20 pF
VIDEO
OUT
RF
INPUT
WIDTH = 0.016"
LENGTH = 0.037"
WIDTH = 0.045"
LENGTH = 0.073"
TRANSMISSION LINE
DIMENSIONS ARE FOR
MICROSTRIP ON
0.032" THICK FR-4.
Figure 21. 5.8 GHz Matching Network for the HSMS-286x Series at 3 µA Bias.


Similar Part No. - HSMS-286P

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286P AVAGO-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
HSMS-286P AVAGO-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286P AVAGO-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286P

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com