Electronic Components Datasheet Search |
|
AC0402CPX7R6BN Datasheet(PDF) 2 Page - YAGEO Corporation |
|
AC0402CPX7R6BN Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 24 page Automotive grade NP0 /X7R 6.3 V to 630 V www.yageo.com Mar. 31, 2017 V.6 Surface-Mount Ceramic Multilayer Capacitors 2 24 Product specification ORDERING INFORMATION - GLOBAL PART NUMBER All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. GLOBAL PART NUMBER AC XXXX X X XXX X B X XXX (1) (2) (3) (4) (5) (6) (7) (1) SIZE – INCH BASED (METRIC) 0402 (1005) / 0603 (1608) / 0805 (2012) / 1206 (3216)/ 1210 (3225) / 0508 (1220) / 0612 (1632) (2) TOLERANCE B = ± 0.1 pF C = ± 0.25 pF D = ± 0.5 pF F = ± 1% G = ± 2% J = ± 5% K = ± 10% M= ± 20% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch (4) TC MATERIAL NPO X7R (5) RATED VOLTAGE 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V 0 = 100 V A = 200 V Y = 250 V B = 500 V Z = 630 V (6) PROCESS N= NP0 B = Class 2 MLCC (7) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 121 = 12 x 101 = 120 pF SCOPE This specification describes Automotive grade NP0/X7R series chip capacitors with lead-free terminations and used for automotive equipments. APPLICATIONS All general purpose applications Entertainment applications Comfort / security applications Information applications FEATURES AEC-Q200 qualified MSL class: MSL 1 AC series soldering is compliant with J-STD-020D Halogen free epoxy RoHS compliant Reduce environmentally hazardous waste High component and equipment reliability Save PCB space The capacitors are 100% performed by automatic optical inspection prior to taping. |
Similar Part No. - AC0402CPX7R6BN |
|
Similar Description - AC0402CPX7R6BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |