Electronic Components Datasheet Search |
|
CAT25010VE Datasheet(PDF) 5 Page - Catalyst Semiconductor |
|
CAT25010VE Datasheet(HTML) 5 Page - Catalyst Semiconductor |
5 / 11 page 5 CAT25010/20/40 Doc. No. 1006, Rev. L Status Register Bits Array Address Protection BP1 BP0 Protected 0 0 None No Protection 0 1 25010: 60-7F Quarter Array Protection 25020: C0-FF 25040: 180-1FF 1 0 25010: 40-7F Half Array Protection 25020: 80-FF 25040: 100-1FF 1 1 25010: 00-7F Full Array Protection 25020: 00-FF 25040: 000-1FF BLOCK PROTECTION BITS 76543210 1111 BP1 BP0 WEL RDY STATUS REGISTER clock for SPI modes (0,0 & 1,1). SCK: Serial Clock SCK is the serial clock pin. This pin is used to synchronize the communication between the microcontroller and the CAT25010/20/40. Opcodes, byte addresses, or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK for SPI modes (0,0 & 1,1) . CS CS CS CS CS: Chip Select CS is the Chip select pin. CS low enables the CAT25010/ 20/40 and CS high disables the CAT25010/20/40. CS high takes the SO output pin to high impedance and forces the devices into a Standby Mode (unless an internal write operation is underway) The CAT25010/ 20/40 draws ZERO current in the Standby mode. A high to low transition on CS is required prior to any sequence being initiated. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle. WP WP WP WP WP: Write Protect WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low all write operations are inhibited. WP held low while CS is low will interrupt a write to the CAT25010/20/40. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation. Figure 10 illustrates the WP timing sequence during a write operation. HOLD HOLD HOLD HOLD HOLD: Hold The HOLD pin is used to pause transmission to the CAT25010/20/40 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. ( HOLD should be held high any time this function is not being used.) HOLD may be tied high directly to VCC or tied to VCC through a resistor. Figure 9 illustrates hold timing sequence. |
Similar Part No. - CAT25010VE |
|
Similar Description - CAT25010VE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |